Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8214 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8214
Description  40MSPS 16-bit CCD Digitiser
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8214 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8214 Datasheet HTML 17Page - Cirrus Logic WM8214 Datasheet HTML 18Page - Cirrus Logic WM8214 Datasheet HTML 19Page - Cirrus Logic WM8214 Datasheet HTML 20Page - Cirrus Logic WM8214 Datasheet HTML 21Page - Cirrus Logic WM8214 Datasheet HTML 22Page - Cirrus Logic WM8214 Datasheet HTML 23Page - Cirrus Logic WM8214 Datasheet HTML 24Page - Cirrus Logic WM8214 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Production Data
WM8214
w
PD, Rev 4.4, August 2008
21
OUTPUT FORMATS
The output from the WM8214 can be presented in several different formats under control of the
OPFORM[1:0] register bits as shown in Figure 17.
MCLK
OP[7:4]
t
PD
AB
C
D
AB
C
D
OP[7:0]
A
BABABAB
OP[7:0]
AAA
A
8-bit multiplexed
8-bit parallel
4-bit multiplexed (LEGACY=1)
OP[7:0]
8-bit multiplexed (LEGACY=1)
t
PD
ABA
B
OP[7:0]
8-bit parallel (LEGACY=1)
AA
Figure 17 Output Data Formats
OUTPUT
FORMAT
OPFORM[1:0] LEGACY
OUTPUT
PINS
OUTPUT
8+8-bit
multiplexed
00, 10
X
OP[7:0]
A = d15, d14, d13, d12, d11, d10, d9, d8
B = d7, d6, d5, d4, d3, d2, d1,d0
8-bit parallel
01
X
OP[7:0]
A = d15, d14, d13, d12, d11, d10, d9, d8
4+4+4+4-bit
(nibble)
11
1
OP[7:4]
A = d15, d14, d13, d12
B = d11, d10, d9, d8
C = d7, d6, d5, d4
D = d3, d2, d1, d0
Table 3 Details of Output Data Formats (as shown in Figure 17).
REFERENCES
The ADC reference voltages are derived from an internal bandgap reference, and buffered to pins
VRT and VRB, where they must be decoupled to ground. Pin VRX is driven by a similar buffer, and
also requires decoupling. The output buffer from the RLCDAC also requires decoupling at pin
VRLC/VBIAS.
POWER MANAGEMENT
Power management for the device is performed via the Control Interface. By default the device is
fully enabled. The EN bit allows the device to be fully powered down when set low. Individual blocks
can be powered down using the bits in Setup Register 5. When in MONO or TWOCHAN mode the
unused input channels are automatically disabled to reduce power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com