Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8234 Datasheet(PDF) 49 Page - Cirrus Logic

Part # WM8234
Description  140MSPS 6-Channel AFE with Sensor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8234 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button WM8234 Datasheet HTML 45Page - Cirrus Logic WM8234 Datasheet HTML 46Page - Cirrus Logic WM8234 Datasheet HTML 47Page - Cirrus Logic WM8234 Datasheet HTML 48Page - Cirrus Logic WM8234 Datasheet HTML 49Page - Cirrus Logic WM8234 Datasheet HTML 50Page - Cirrus Logic WM8234 Datasheet HTML 51Page - Cirrus Logic WM8234 Datasheet HTML 52Page - Cirrus Logic WM8234 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 144 page
background image
WM8234
Rev 4.6
49
0
0
d[15:0]
{d[14:0],
d[15]}
{d[13:0],
d[15:14]}
{d[12:0],
d[15:13]}
{d[0],
d[15:1]}
d[15:0]
{d[14:0],
d[15]}
{d[1:0],
d[15:2]}
1 bit shift per TGSYNC
PGEN (register)
PGMARCH=1
(Marching mode)
TGSYNC (input)
Figure 34 Test Pattern Output Data Formats (Marching mode)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20 (14h) PG
config
7
PGMARCH
0
pattern generator marching mode enable
0 = controlled by PGPAT
1 = marching pattern
6:5
PGPAT[1:0]
00
select pattern generator output
00 = fixed value
01 = vertical ramp
10 = horizontal ramp
11 = patch
4
PGINV
0
invert pattern generator output
0 = normal
1 = invert
3
SEL_PGZ
0
select output of pattern generator (IN4, IN5, IN6)
0 = normal ouput
1 = output generated digital pattern instead of ADC outputs
2
SEL_PGY
0
select output of pattern generator (IN1, IN2, IN3))
0 = normal ouput
1 = output generated digital pattern instead of ADC outputs
0
PGEN
0
enable pattern generator
0 = disable
1 = enable
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (15h)
PGCODE
LSB
7:0
PGLEVEL[7:0]
0000_0000
parameter of pattern generator
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
PGCODE
MSB
7:0
PGLEVEL[7:0]
0000_0000
parameter of pattern generator
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h) PG
width 1
7:0
PGWIDTH1[7:0]
0000_0000
parameter of pattern generator
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com