Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLN-R-1 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # DLN-R-1
Description  Dual-Element, Time-Delay Construction Grade Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DLN-R-1 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  DLN-R-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. DLN-R-1 Datasheet HTML 2Page - Cooper Bussmann, Inc. DLN-R-1 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/10A to 30A
0.56" (
± 0.008)
2"
(
± 0.31)
35A to 60A
0.81" (
± 0.008)
3"
(
± 0.31)
Catalog Symbol: DLN-R
Current-Limiting
Dual-element, time-delay – 10 seconds (minimum)
at 500% rated current (8 seconds for 0-30A sizes)
Voltage Rating: 250Vac (or less)
125Vdc (1-60A, 125-200A)
250Vdc (225-600A)
Interrupting Rating: 200,000A RMS Symmetrical
20,000A DC
Agency Information:
CE, UL Listed, Std. 248-12, Class RK5, Guide 198E, File
E4273 CSA Certified, C22.2 No. 248.12, Class 1422-02,
File 53787
Catalog Numbers - Amp Rating
DLN-R-1
DLN-R-15
DLN-R-100
DLN-R-2
DLN-R-20
DLN-R-125
DLN-R-21⁄2
DLN-R-25
DLN-R-150
DLN-R-3
DLN-R-30
DLN-R-175
DLN-R-32⁄10
DLN-R-35
DLN-R-200
DLN-R-4
DLN-R-40
DLN-R-225
DLN-R-5
DLN-R-45
DLN-R-250
DLN-R-6
DLN-R-50
DLN-R-300
DLN-R-61⁄4
DLN-R-60
DLN-R-400
DLN-R-8
DLN-R-70
DLN-R-600
DLN-R-10
DLN-R-80
—
DLN-R-12
DLN-R-90
—
• Designed for contractor needs.
• Protects industrial equipment and large motors.
• Recommended for AC power distribution system mains,
feeders and branch circuits.
• Industry standard time-delay of 10 seconds at 5 times
the fuse rating.
Dimensions - in
Carton Quantity and Weight
Ampere
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
1–30
10
0.56
0.252
35–60
10
1.38
0.621
70–100
5
1.56
0.702
110–200
1
0.90
0.405
225–400
1
1.80
0.810
450–600
1
3.30
1.485
*Weight per carton.
Recommended fuseblocks for
Class R 250V fuses
See Data Sheet: 1110
Dura-Lag
Dual-Element, Time-Delay Construction Grade Fuses
Class RK5 - 250 Volt
DLN-R
1
⁄10-600A
0709 BU-SB08452
Page 1 of 3
Data Sheet 1021
5.88”
1.06”
7.13”
1.56”
8.63” ± 0.094
2.38” ± 0.020
10.38” ± 0.094
2.88” ± 0.020
70 to 100A
110 to 200A
225 to 400A
450 to 600A


Similar Part No. - DLN-R-1

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DLN AEC-DLN Datasheet
206Kb / 1P
Optical Liquid Level Sensors
logo
RCD COMPONENTS INC.
DLN082-1001-A RCD-DLN082-1001-A Datasheet
169Kb / 1P
CUSTOM NETWORKS
DLN082-1001-B RCD-DLN082-1001-B Datasheet
169Kb / 1P
CUSTOM NETWORKS
DLN082-1001-C RCD-DLN082-1001-C Datasheet
169Kb / 1P
CUSTOM NETWORKS
DLN082-1001-D RCD-DLN082-1001-D Datasheet
169Kb / 1P
CUSTOM NETWORKS
More results

Similar Description - DLN-R-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPS-RK-6SPI COOPER-LPS-RK-6SPI Datasheet
147Kb / 3P
Dual-Element, Time-Delay Fuses w/Permanent Fuse Indication
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
Dual-Element Time-Delay Fuses
LPJ-70SPI COOPER-LPJ-70SPI Datasheet
114Kb / 3P
Dual-Element, Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
Dual-Element, Time-Delay Fuses
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
Dual-Element Time-Delay Fuses
LPS-RK-70SP COOPER-LPS-RK-70SP Datasheet
139Kb / 3P
Dual-Element, Time-Delay Fuses
DLS-R-1 COOPER-DLS-R-1 Datasheet
174Kb / 3P
Dual-Element, Time-Delay Construction Grade Fuses
logo
List of Unclassifed Man...
LPN-RK-250 ETC1-LPN-RK-250 Datasheet
704Kb / 4P
dual element, time-delay fuses
LPS-RK-600 ETC1-LPS-RK-600 Datasheet
1,014Kb / 4P
dual element, time-delay fuses
logo
Eaton All Rights Reserv...
MDQ EATON-MDQ Datasheet
391Kb / 2P
Dual-element time-delay glass fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com