Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0875681663 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0875681663
Description  Milli-Grid Cable-to-Board Receptacle, Dual Row, IDT, Lead-Free, 16 Circuits, 0.38關m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0875681663 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0875681663_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0875681663_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/23/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0875681663
Status:
Active
Overview:
Milli-Grid™ Connector System
Description:
Milli-Grid™ Cable-to-Board Receptacle, Dual Row, IDT, Lead-Free, 16 Circuits, 0.38µm
Gold (Au) Selective Plating, without Center Polarization Key and Locking Friction Ramp
Documents:
3D Model
Product Specification PS-87568-004-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
IDT and Solder Connectors
Series
87568
Crimp Quality Equipment
Yes
Overview
Milli-Grid™ Connector System
Product Name
Milli-Grid™
UPC
822348457632
Use With
87569-1016 Strain Relief (Optional)
Physical
Circuits (Loaded)
16
Circuits (maximum)
16
Color - Resin
Black
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Resin
Polyester
Net Weight
0.975/g
Number of Rows
2
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
28
Electrical
Current - Maximum per Contact
1.0A
Voltage - Maximum
125V
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-87568-004-001
Sales Drawing
SD-87568-003
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
87568 Series
Mates With
87831 Vertical PCB Header, 87832 Surface
Mount PCB Header, 87833 Right Angle PCB
Header


Similar Part No. - 0875681663_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0875681663 MOLEX9-0875681663 Datasheet
285Kb / 5P
2.00mm (.079) Pitch Milli-Grid??Cable-to-Board Receptacle, Dual Row, IDT, Lead-free, 16 Circuits, 0.38mm (.015) Gold (Au) Selective Plating
More results

Similar Description - 0875681663_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0875681463 MOLEX1-0875681463_17 Datasheet
41Kb / 2P
Milli-Grid Cable-to-Board Receptacle, Dual Row, IDT, Lead-Free, 14 Circuits, 0.38關m
0875681493 MOLEX1-0875681493_17 Datasheet
41Kb / 2P
Milli-Grid Cable-to-Board Receptacle, Dual Row, IDT, Lead-Free, 14 Circuits, 0.38關m
0875681643 MOLEX1-0875681643_17 Datasheet
41Kb / 2P
Milli-Grid Cable-to-Board Receptacle, Dual Row, IDT, Lead-Free, 16 Circuits, 0.38關m
0875681693 MOLEX1-0875681693_17 Datasheet
41Kb / 2P
Milli-Grid Cable-to-Board Receptacle, Dual Row, IDT, Lead-Free, 16 Circuits, 0.38關m
0875682093 MOLEX1-0875682093_17 Datasheet
41Kb / 2P
Milli-Grid Cable-to-Board Receptacle, Dual Row, IDT, Lead-Free, 20 Circuits, 0.38關m
0875682263 MOLEX1-0875682263_17 Datasheet
41Kb / 2P
Milli-Grid Cable-to-Board Receptacle, Dual Row, IDT, Lead-Free, 22 Circuits, 0.38關m
0875682293 MOLEX1-0875682293_17 Datasheet
41Kb / 2P
Milli-Grid Cable-to-Board Receptacle, Dual Row, IDT, Lead-Free, 22 Circuits, 0.38關m
0875682443 MOLEX1-0875682443_17 Datasheet
41Kb / 2P
Milli-Grid Cable-to-Board Receptacle, Dual Row, IDT, Lead-Free, 24 Circuits, 0.38關m
0875682643 MOLEX1-0875682643_17 Datasheet
41Kb / 2P
Milli-Grid Cable-to-Board Receptacle, Dual Row, IDT, Lead-Free, 26 Circuits, 0.38關m
0875684043 MOLEX1-0875684043_17 Datasheet
41Kb / 2P
Milli-Grid Cable-to-Board Receptacle, Dual Row, IDT, Lead-Free, 40 Circuits, 0.38關m
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com