Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM24LC21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AM24LC21
Description  Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM24LC21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AM24LC21 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM24LC21 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM24LC21 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM24LC21 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM24LC21 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC21 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC21 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC21 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AM24LC21
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
(Preliminary)
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.0 Aug 10, 2002
1/13
Features
- Single supply with operation down to 2.5V
- Completely implements DDC1/DDC2 interface for
monitor identification, including recovery to DDC1
- Low power CMOS technology
- 1 mA typical active current
- 10 uA standby current typical at 5.5V
- 2-wire serial interface bus, I
2C compatible
- 100Khz (2.5V) and 400Khz (5V) compatibility
- Self-timed write cycle (including auto-erase)
- Hardware write-protect pin
- Page-write buffer for up to eight bytes
- 1,000,000 erase/write cycles
- Data retention > 40 years
- 8-pin PDIP and SOP packages
- Available for extended temperature ranges
Commercial (C): 0°C to +70°C
Industrial (I): -40°C to +85°C
Pin Assignments
NC
NC
VSS
VCC
SCL
VCLK
SDA
1
3
2
4
8
6
7
5
NC
NC
VSS
VCC
SCL
VCLK
SDA
1
3
2
4
8
6
7
5
PDIP Package
SOP Package
WP
WP
(Top View)
(Top View)
General Description
The AM24LC21 is a 128 x 8-bit dual-mode
Electrically Erasable PROM. This device is
designed for use in applications requiring storage
and serial transmission of configuration and control
information. Two modes of operation have been
implemented: transmit only mode and bi-directional
mode. Upon power-up, the device will be in the
transmit only mode, sending a serial bit stream of
the memory array contents, clocked by the VCLK
pin. A valid high to low transition on the SCL pin will
cause the device to enter the bi-directional mode,
with byte selectable read/write capability of the
memory array. The AM24LC21 is available in a
standard 8-pin PDIP and SOP package in both
commercial and industrial temperature ranges.
Pin Descriptions
Name
Description
NC
No connection
VSS
Ground
SDA
Serial address/data I/O
VCLK
Serial clock (transmit only mode)
VCC
Power supply
SCL
Serial clock (bi-directional mode)
WP
Write protect (active low)
Note. See pin description (continued) for more detailed
Ordering Information
Type
Package
1K Dual Mode
S : SOP-8L
N : PDIP-8L
Temp. grade
AM24LC 21 X X X
Packing
Blank : Tube
A : Taping
Operating Voltage
LC : 2.5V~5.5V,CMOS
Blank :
C
70
~
C
0
o
o
+
I
:
C
85
~
C
40
o
o
+
−


Similar Part No. - AM24LC21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM24LC21B ETC-AM24LC21B Datasheet
219Kb / 13P
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21BIN ETC-AM24LC21BIN Datasheet
219Kb / 13P
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21BINA ETC-AM24LC21BINA Datasheet
219Kb / 13P
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21BIS ETC-AM24LC21BIS Datasheet
219Kb / 13P
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21BISA ETC-AM24LC21BISA Datasheet
219Kb / 13P
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
More results

Similar Description - AM24LC21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCB2421 PHILIPS-PCB2421 Datasheet
112Kb / 24P
1K dual mode serial EEPROM
1997 Apr 01
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
SERIAL 1K 128 x 8 EEPROM
Nov-1997
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
logo
List of Unclassifed Man...
AM24LC21B ETC-AM24LC21B Datasheet
219Kb / 13P
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
CMOS 1K 2-Wire Serial EEPROM
January 6, 2006
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
Two-wire Serial EEPROM 1K (128 x 8)
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
logo
ATMEL Corporation
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
CMOS 1K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com