Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GFA Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # GFA
Description  Sub-Miniature with Leads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GFA Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  GFA Datasheet HTML 1Page - Cooper Bussmann, Inc. GFA Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC Board Fuses
GFA, GLN,
Sub-Miniature with Leads
and GLX
Form No. GFA, GLN, and GLX
Page 2 of 2
BIF Doc #2035
Bussmann®
12-18-98
SB98107
Rev. A
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin
is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Catalog Symbol: GLX
Sub-Miniature with Radial Leads
Non-Time-Delay
0.145∑ ≈ 0.300∑ (3.7mm ≈ 7.6mm)
Interrupting Rating: 50 AIC
Electrical Ratings (Catalog Symbol and Amperes)
125 Volts AC
Amps
Test
Color Code
Amps
Test
Color Code
Spec.
(Opp. Ends)
Spec.
(Opp. Ends)
GLX-⁄Ω¢
B
Red
Pur
GLX-2
B
Grn
Blu
GLX-⁄Ω™
B
Orn
Grn
GLX-3
B
Blu
Pur
GLX-‹Ω¢
B
Orn
Pur
GLX-4
B
Pur
Brn
GLX-1
B
Yel
Grn
GLX-5
B
Brn
Blk
GLX-1⁄Ω™
B
Yel
Pur
—
General Information:
• Glass tube fuses for protection of subminiature devices.
• Tinned radial leads spaced for easy assembly on printed
circuit chassis.
• Withstand high-shock and vibration.
• Color-coded for ampere rating.
• Radial leads (1⁄Ω™∑) can be fed through wire forming machine.
Wire Lead Size
No.
Fuse
24
⁄Ω™ºº to 5A
Carton Quantity and Weight
Ampere
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
⁄Ω¢–5
100
0.171
52.6
*Weight per carton.
10
1
.1
.01
100
CURRENT IN AMPERES
AMPERE
RATING
Time-Current Characteristics–Total Clear



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com