Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLD Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # GLD
Description  Pin-Indicating Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GLD Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  GLD Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog Symbol:
GLD/GBA
GLB-albaloy-plated indicating pin
GBA-red indicating pin
Non-Time-Delay: Indicating
Amp Rating: 1
⁄2 to 15 Amps
Agency Information:
CE, UL Listed, Std. 248-14
1
⁄2-5A/125Vac, 10kA AIC
Guide JDYX, File E19180
UL Recognized, 6A/125Vac, 1kA AIC
10-15A/50Vac/dc, 300 AIC
Guide JDYX2, File E19180
CSA Certified, 1⁄2-5A/125Vac, 10kA AIC
Class 1422-01, File 53787
Electrical Ratings (Catalog Symbol and Amps)
GLD-1⁄2
GLD-2
GLD-6
GLD-3⁄4
GLD-3
GLD-10
GLD-1
GLD-4
GLD-12
GLD-1-1⁄2
GLD-5
GLD-15
GBA-1⁄2
GBA-2
GBA-6
GBA-3⁄4
GBA-3
GBA-10
GBA-1
GBA-4
GBA-15
GBA-1-1⁄2
GBA-5
Carton Quantity and Weight
Amp
Carton
Weight
Ratings
Qty.
Lbs.
Kg.
1
⁄2-15
100
0.86
0.390
Pin-Indicating Type
GLD/GBA
Fast-Acting
1
⁄4˝ x 1 1⁄4˝ (6.3mm x 32mm)
1.44"
(36.5mm)
(blown)
(Approximate)
0.255" Max
0.249˝ Min
1.27"
(±0.031)
(32.2mm)
(not blown)
Dimensions - in
CURRENT IN AMPS
100
10
1
.1
.01
AMP
RATING
Time-Current Characteristic Curves–Average Melt
General Information:
• Use in power electronic circuits in which a fuse opening must
be quickly apparent.
• Opening of fuse results in the ejection of end pin.
• Type GLD has an albaloy-plated pin for positive, electrical
signal circuit activation.
• Type GBA has a red pin for high visibility.
• The Cooper Bussmann Series 8000 fuse blocks are
recommended for visual indication.
• For visual indication use Cooper Bussmann panel-mounted
fuseholder HLD (15A maximum)
• Ferrules: Nickel-plated brass endcaps.
© 2 0 1 2 C o o p e r B u s s m a n n
S t . L o u i s , M O 6 3 1 7 8
w w w. c o o p e r b u s s m a n n . c o m
1012 BU-SB12694
Page 1 of 1
Data Sheet 2012
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive.All other copies of
this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical informa-
tion that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of
any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
™


Similar Part No. - GLD

ManufacturerPart #DatasheetDescription
logo
Amphenol PCD, Inc
GLD AMPHENOLPCD-GLD Datasheet
1Mb / 3P
Magnetic, low-profile, self-aligning connector designed for soldier worn applications.
logo
SL Power Electronics
GLD140 SLPOWER-GLD140 Datasheet
141Kb / 2P
140 Watt Multiple Output
GLD140A SLPOWER-GLD140A Datasheet
141Kb / 2P
140 Watt Multiple Output
GLD140B SLPOWER-GLD140B Datasheet
141Kb / 2P
140 Watt Multiple Output
GLD140C SLPOWER-GLD140C Datasheet
141Kb / 2P
140 Watt Multiple Output
More results

Similar Description - GLD

ManufacturerPart #DatasheetDescription
logo
Littelfuse
70P00000Z LITTELFUSE-70P00000Z Datasheet
100Kb / 1P
Alarm Indicating Fuse
logo
Fuji Electric
EDS11-40D FUJI-EDS11-40D Datasheet
349Kb / 6P
OSCILLATOR TYPE INDICATING CONTROLLER TRANZET
logo
List of Unclassifed Man...
M22-R10K ETC2-M22-R10K Datasheet
5Mb / 89P
Pushbuttons and Indicating Lights
logo
Cooper Bussmann, Inc.
FNW-30 COOPER-FNW-30 Datasheet
60Kb / 2P
Indicating Fuse Covers
HLS-10 COOPER-HLS-10 Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
logo
List of Unclassifed Man...
DL1BLB ETC2-DL1BLB Datasheet
99Kb / 2P
DL1BLB Indicating Beacon
logo
Cooper Bussmann, Inc.
MIS-1 COOPER-MIS-1 Datasheet
292Kb / 2P
MIS non time-delay pin indicating supplemental fuses
GMT COOPER-GMT Datasheet
128Kb / 1P
Fuseholders for Indicating Fuses
logo
List of Unclassifed Man...
HLD ETC1-HLD Datasheet
677Kb / 1P
Visual indicating fuse
logo
M-System Co.,Ltd.
48DV MSYSTEM-48DV Datasheet
95Kb / 6P
BARGRAPH INDICATING ALARM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com