Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HHB-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HHB-R
Description  1/4 X 7/8" TO 1 1/4 In-Line Fuse Holders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HHB-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HHB-R Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
• For 1⁄4" x 7⁄8" to 1⁄4" x 1 1⁄4" fuses
• Accepts #16 to #12 AWG copper wire
• Simple crimp assembly
• “Snap-Lock” feature provides strong positive union
• High visibility yellow color
• Recommended crimp tools:
• Thomas & Betts – ERG-2001
• Channelock No. 909
• General Electric – U.S. & Metric Electrical
Terminal Tool
• UL flammability rating 94 V2
Environmental Data
• Pull Force: 5 pounds minimum to separate
fuseholder housing with fuse inside
Ordering
Specify packaging code
• Insert packaging code prefix before part number.
E.g. BK/HHB-R
Specify option codes if desired
• Drop “-R” suffix when ordering. E.g. BK/HHB-Y408
Packaging Code
Packaging Code Prefix
Description
Blank
10 fuse holders packed into a carton
BK
1,000 fuse holders packed into a cardboard shelf package
Option Code
Option Code
Description
Y408**†
#14 AWG insulated wire with 8 inch yellow leads
R408†
#14 AWG insulated wire with 8 inch red leads
B408**†
#14 AWG insulated wire with 8 inch black leads
Y419**†
#14 AWG insulated wire with 19 inch yellow leads
R419**†
#14 AWG insulated wire with 19 inch red leads
B419**†
#14 AWG insulated wire with 19 inch black leads
Specifications
Part
Number
Volts
Amps
HHB-R*
32
30 max
4
1
˝
/
1
8
7
˝
/
Dimensions - in (mm)
Drawing Not to Scale
Component
Material
Body
Nylon
Crimp
Copper Tin-Plated
1
⁄4˝ x 7⁄8˝ to 1 1⁄4˝ In-Line Fuse Holders
HHB Series
© 2009 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com
0509
BU-SB09721
Page 1 of 1
Data Sheet 2103
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support
systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in
significant injury to the user.
*RoHS compliant construction.
**Not available in RoHS compliant construction.
† Drop “-R” suffix when ordering these options.


Similar Part No. - HHB-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HHB-R EATON-HHB-R Datasheet
199Kb / 1P
In-line fuse holder
logo
Cooper Bussmann, Inc.
HHB-R* COOPER-HHB-R* Datasheet
163Kb / 1P
1??? x 7??? to 1 1??? In-Line Fuse Holders
More results

Similar Description - HHB-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HTB-X2I COOPER-HTB-X2I Datasheet
339Kb / 2P
Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
HTB-X2I20 COOPER-HTB-X2I20 Datasheet
339Kb / 2P
Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
HRK COOPER-HRK Datasheet
152Kb / 1P
1/4??x 7/8??to 1 1/4??Universal In-Line Fuse Holders
HKP COOPER-HKP Datasheet
158Kb / 2P
1??" x 1 1??" Fuse Holders
HHB COOPER-HHB Datasheet
163Kb / 1P
1??? x 7??? to 1 1??? In-Line Fuse Holders
HFB COOPER-HFB Datasheet
107Kb / 1P
1/4" x 1-1/4" Fuse Holders
logo
Eaton All Rights Reserv...
HFA EATON-HFA Datasheet
213Kb / 1P
1/4??x 1 1/4??in-line water-resistant fuse
HFB EATON-HFB Datasheet
377Kb / 1P
1/4??x 1 1/4??in-line waterproof fuse holder
HTB EATON-HTB Datasheet
341Kb / 2P
1/4 x 1 1/4 and 5 mm x 20 mm Panel-mount fuse holders
HRK EATON-HRK Datasheet
170Kb / 1P
1/4??x 7/8??to 1/4" x 1 1/4" Universal in-line fuse holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com