Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPF Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HPF
Description  Panel-Mount Fuseholder with Screw-type Knob
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HPF Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HPF Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog Symbol: HPF, HPF-C, HPF-L, HPF-EE, HPF-JJ,
HPF-FF, HPF-RR, and HPF-WT
Panel-Mount
Agency Information:
UL Recognized, Guide IZLT2, File E14853
CSA Certified, Class 6225-01, File 47235
Flammability Rating: UL 94 HB
Panel-Mount Fuseholder with Screw-type Knob
HPF
For ⁄‹Ω£™∑ ≈ 1fiΩ¡§∑ to 1⁄Ω™∑ Fuses
Series
Form No. HPF Series
Page 1 of 1
Data Sheet: 2114
Bussmann®
0.180" DIA.
(4.6mm)
1.125"
(28.6mm)
1.00"
(25.4mm)
Without Fuse
2.69" Max.
(68.3mm)
0.88"
(22.2mm)
1.78"
(45.2mm)
1.31"
(33.3mm)
2.81" Max.
(71.4mm)
With Fuse
F
SE
All dimensions (
0.015)
.250"
± .003"
(6.35
± .08mm)
(Typ. 2)
1.031" + 0.003"
(26.2mm + 0.08mm)
0.187" + 0.002"
(4.75mm + 0.05mm)
Mounting Hole
Flange Rear of Panel
+
+
0.890"
0.003"
(22.6mm
0.08mm)
1.312" + 0.003"
(33.3mm + 0.08mm)
1.312" + 0.003"
(33.3mm + 0.08mm)
Mounting Hole
Flange Front of Panel
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Dimensional Data
Electrical Ratings
Catalog
Volts
Symbol
Amps
AC
Fuse Description
HPF
30(3)
600
1⁄Ω™∑ (38.1mm).
HPF-C
30(4)
600(4)
1⁄Ω™∑ (38.1mm) clear knob.
HPF-L
5
600
BBS,⁄‹Ω£™∑ ≈ 1‹Ω•∑ fuses.
HPF-EE
15
600
SC 0-15, ⁄‹Ω£™∑ ≈ 1fiΩ¡§∑ fuses.
HPF-JJ
20
600
SC 20, ⁄‹Ω£™∑ ≈ 1⁄‹Ω£™∑ fuses.
HPF-FF(2)
30(3)
480
SC 25 & 30, ⁄‹Ω£™∑ ≈ 1fiΩ•∑ fuses.
HPF-RR
30(3)
600
KTK-R, LP-CC & FNQ-R Class CC fuses.
HPF-WT
30(3)
600
Splash-proof knob.
(2)No CSA Certification
(3)20A max. when used with quick connect terminals.
(4)HPF-C ratings for CSA - 15A, 250V.
General Information:
• Screw-type knob.
• One-piece side terminal and threaded insert eliminates two-
piece solder fabrication.
• Combination ⁄Ω¢∑ quick-connect/solder terminals for
versatility.
• The HPF series functionally replaces the Buss® HPC series.
• Replacement knob-BK/9789-⁄Ω™ (for HPF, HPF-L, HPF-EE,
HPF-JJ, HPF-FF and HPF-RR).
• The HPF-EE, -RR, -FF, and -JJ are UL
Recognized for branch circuit protection.
• Do not put tension on line (rear) terminal.
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 636-527-1270 for more information.
6-3-04
SB04184
Maximum panel thickness, mounting flange in front of panel
Assumes Pollution Degree 3 per UL 840:
Conductive pollution, or dry, nonconductive pollution that
becomes conductive due to condensation that is expected.
Maximum panel thickness
not including any sealing gaskets.
System Voltage
600V
480
277
240
120
Fuseholder
mm Inches mm Inches mm Inches mm Inches mm Inches
HPF
0.61 1/32” 1.50 1/32” 5.77 7/32” 6.32 7/32” 7.80 9/32”
Thicker panels may be used if fuse holder load terminal is fully insulated, using a
UL recognized (VW-1) insulative heat-shrink tubing, or if anticipated environment
is of Pollution Degree 1 or 2, or if panel is nonconductive.
Pollution Degree 2- Normally, only nonconductive pollution. However, a temporary
conductivity caused by condensation may be expected.
Pollution Degree 1- No pollution or only dry, nonconductive pollution.
The pollution has no influence.
Maximum panel thickness, mounting flange behind the panel:
5.08mm/0.200” (flush to knob collar)


Similar Part No. - HPF

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
HPF SAMTEC-HPF Datasheet
561Kb / 2P
FLEXIBLE POWER SYSTEMS
HPF-03-01-T-S SAMTEC-HPF-03-01-T-S Datasheet
510Kb / 1P
POWER SOCKETS
HPF-10-02-T-S SAMTEC-HPF-10-02-T-S Datasheet
510Kb / 1P
POWER SOCKETS
HPF-18-01-T-S SAMTEC-HPF-18-01-T-S Datasheet
510Kb / 1P
POWER SOCKETS
logo
Cooper Bussmann, Inc.
HPF-C COOPER-HPF-C Datasheet
55Kb / 1P
Panel-Mount Fuseholder with Screw-type Knob For 횣횥쩍짙짧쨌 횇 1횧쩍횁짚쨌 to 1횣쩍짧쨌 Fuses
More results

Similar Description - HPF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L675 ETC2-L675 Datasheet
159Kb / 1P
PANEL FUSEHOLDER BARRIER & PANEL SEALED
logo
ALPS ELECTRIC CO.,LTD.
RK10J ALPS-RK10J Datasheet
319Kb / 6P
With Knob Type
SRRQ ALPS-SRRQ Datasheet
146Kb / 3P
With Knob Type
logo
Cooper Bussmann, Inc.
HPF-C COOPER-HPF-C Datasheet
55Kb / 1P
Panel-Mount Fuseholder with Screw-type Knob For 횣횥쩍짙짧쨌 횇 1횧쩍횁짚쨌 to 1횣쩍짧쨌 Fuses
HPC-D COOPER-HPC-D Datasheet
91Kb / 1P
Panel-Mount Fuseholder
HPG COOPER-HPG Datasheet
52Kb / 1P
Panel-Mount Fuseholder
HPM COOPER-HPM Datasheet
92Kb / 1P
Panel-Mount Fuseholder
HPS COOPER-HPS Datasheet
95Kb / 1P
Panel-Mount Fuseholder with Bayonet-type Knob
HPS2 COOPER-HPS2 Datasheet
64Kb / 1P
Two Pole Panel-Mount Fuseholder
logo
Littelfuse
868-900-010RM LITTELFUSE-868-900-010RM Datasheet
148Kb / 1P
Blade Fuseholders - Stackable Panel Mount Fuseholder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com