Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPS2 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HPS2
Description  Two Pole Panel-Mount Fuseholder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HPS2 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HPS2 Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog Symbol: HPS2
Description: Meets requirement of UL 1598 that both poles be
removed simultaneously.
Fuse Type: 13/32” x 1-1/2”
Agency Information: UL 512 Recognized,
(Guide IZLT2, File E14853)
CSA Certified: (Class 6225-01, File 47235)
Flammability Rating: 94V-0
Terminals: 1/4” quick connect / solder
Electrical Rating: 30A @ 600V (20A max when used
with quick connect terminals.)
Two Pole Panel-Mount Fuseholder
HPS2
For ⁄‹Ω£™∑ ≈ 1⁄Ω™∑ Fuses
Series
Form No. HPS2 Series
Page 1 of 1
Data Sheet: 2140
Bussmann®
Dimensional Data
Panel Mount Dimensions
Catalog Symbol
HPS2
standard 10-in carton
BK/HPS2
bulk 100-in carton
Maximum panel thickness, mounting flange in front of panel
Assumes Pollution Degree 3 per UL 840:
Conductive pollution, or dry, nonconductive pollution that
becomes conductive due to condensation that is expected.
Maximum panel thickness
not including any sealing gaskets.
System Voltage
600V
480
277
240
120
Fuseholder
mm Inches mm Inches mm Inches mm Inches mm Inches
HPS2
1.50 1/32” 2.39 3/32” 6.66 1/4”
7.21 9/32” 8.69
5/8”
Thicker panels may be used if fuse holder load terminal is fully insulated, using a
UL recognized (VW-1) insulative heat-shrink tubing, or if anticipated environment
is of Pollution Degree 1 or 2, or if panel is nonconductive.
Pollution Degree 2- Normally, only nonconductive pollution. However, a temporary
conductivity caused by condensation may be expected.
Pollution Degree 1- No pollution or only dry, nonconductive pollution.
The pollution has no influence.
Maximum panel thickness, mounting flange behind the panel:
5.08mm/0.200” (flush to knob collar)
8-28-02
SB02067
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
•
When insulated terminals are required,
1-1/4” diameter shrink wrap to be used
•
No tension on line (rear) terminal
allowed
•
90º clockwise rotation to lock fuse
carrier in body


Similar Part No. - HPS2

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HPS22A JLWORLD-HPS22A Datasheet
1Mb / 1P
Value Applying Rated Voltage
More results

Similar Description - HPS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L675 ETC2-L675 Datasheet
159Kb / 1P
PANEL FUSEHOLDER BARRIER & PANEL SEALED
logo
Tyco Electronics
T92P7D12-24 MACOM-T92P7D12-24 Datasheet
1Mb / 4P
T92 Series Two-pole 30A PCB or Panel Mount Relay
T92P11D22-12 MACOM-T92P11D22-12 Datasheet
1Mb / 4P
T92 Series Two-pole 30A PCB or Panel Mount Relay
T92S7D22-12 MACOM-T92S7D22-12 Datasheet
1Mb / 4P
T92 Series Two-pole 30A PCB or Panel Mount Relay
logo
Cooper Bussmann, Inc.
HPC-D COOPER-HPC-D Datasheet
91Kb / 1P
Panel-Mount Fuseholder
HPF COOPER-HPF Datasheet
55Kb / 1P
Panel-Mount Fuseholder with Screw-type Knob
HPG COOPER-HPG Datasheet
52Kb / 1P
Panel-Mount Fuseholder
HPM COOPER-HPM Datasheet
92Kb / 1P
Panel-Mount Fuseholder
HPS COOPER-HPS Datasheet
95Kb / 1P
Panel-Mount Fuseholder with Bayonet-type Knob
logo
Littelfuse
868-900-010RM LITTELFUSE-868-900-010RM Datasheet
148Kb / 1P
Blade Fuseholders - Stackable Panel Mount Fuseholder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com