Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRK-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HRK-R
Description  Universal In-Line Fuse Holders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HRK-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HRK-R Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
/4”x 7/8” to 1 1/4” Universal In-Line Fuse Holders
HRK Series
Description
• For 1/4" diameter x 7/8" to 1/4" x 1 1/4" small dimension fuses
• #14 AWG copper wire leads
• 8" (203mm) leads
• Three springs furnished to accept different fuse lengths
• Flammability rating: UL 94V0
Ordering
• Specify packaging, product, and option code
© 2009 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com
0909
BU-SB09868
Page 1 of 1
Data Sheet 2111
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup-
port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result
in significant injury to the user.
Specifications
Product
Voltage
Current
Code
Rating
Rating
HRK-R
32V
15A
Dimensions – in (mm)
Drawing Not to Scale
Packaging Code
Packaging Code Prefix
Description
Blank
10 fuse holders packed into a carton
BK
100 fuse holders packed into a carton


Similar Part No. - HRK-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HRK-R COOPER-HRK-R Datasheet
152Kb / 1P
1/4??x 7/8??to 1 1/4??Universal In-Line Fuse Holders
logo
Eaton All Rights Reserv...
HRK-R EATON-HRK-R Datasheet
170Kb / 1P
1/4??x 7/8??to 1/4" x 1 1/4" Universal in-line fuse holder
More results

Similar Description - HRK-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LEB LITTELFUSE-LEB Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEC LITTELFUSE-LEC Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LET LITTELFUSE-LET Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEX LITTELFUSE-LEX Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
WPB1 LITTELFUSE-WPB1 Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
WPB3 LITTELFUSE-WPB3 Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
logo
List of Unclassifed Man...
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
HHC ETC1-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders
HHL ETC1-HHL Datasheet
225Kb / 2P
Automotive in-line fuse holders
logo
Littelfuse
LEB LITTELFUSE-LEB_V01 Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com