Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM24LC21SA Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AM24LC21SA
Description  Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AM24LC21SA Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AM24LC21SA Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 9Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 10Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 11Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 12Page - List of Unclassifed Manufacturers AM24LC21SA Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
AM24LC21
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.0 Aug 10, 2002
13/13
(2) Package Type: SOP-8L
0.015x45
B
e
y
7 (4X)
D
7 (4X)
VIEW "A"
VIEW "A"
L
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.47
1.60
1.73
0.058
0.063
0.068
A1
0.10
-
0.25
0.004
-
0.010
A2
-
1.45
-
-
0.057
-
B
0.33
0.41
0.51
0.013
0.016
0.020
C
0.19
0.20
0.25
0.0075
0.008
0.0098
D
4.80
4.85
4.95
0.189
0.191
0.195
E
3.81
3.91
3.99
0.150
0.154
0.157
e
-
1.27
-
-
0.050
-
H
5.79
5.99
6.20
0.228
0.236
0.244
L
0.38
0.71
1.27
0.015
0.028
0.050
y
-
-
0.10
-
-
0.004
θ
0O
-
8O
0O
-
8O
Marking Information
PDIP/SOP/ Package
13
24
86
75
AC
24LC21X
YYWWX
Logo
Part Number & grade
X=Blank
X=I
)
C
70
to
C
0
(
0
0
+
)
C
85
to
C
40
(
0
0
+
−
Date Code
YY: Year
WW: Nth week
X: Internal code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com