Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1184 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1184
Description  4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1184 Datasheet(HTML) 2 Page - Anachip Corp

  AP1184 Datasheet HTML 1Page - Anachip Corp AP1184 Datasheet HTML 2Page - Anachip Corp AP1184 Datasheet HTML 3Page - Anachip Corp AP1184 Datasheet HTML 4Page - Anachip Corp AP1184 Datasheet HTML 5Page - Anachip Corp AP1184 Datasheet HTML 6Page - Anachip Corp AP1184 Datasheet HTML 7Page - Anachip Corp AP1184 Datasheet HTML 8Page - Anachip Corp AP1184 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
AP1184
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep 7, 2004
2/11
Block Diagram
THERMAL
SHUTDOWN
Vout
Adj
1.25V
+
CURRENT
LIMIT
Vin
+
-
+
+
Vsense
Vctrl
Pin Configuration
(AP1184K5)
(AP1184T5)
Tab is Vout
FRONT VIEW
3
2
1
Vout
Vsense
Adj(GND)
Vctrl
Vin
4
5
Tab is Vout
FRONT VIEW
Vout
Vsense
Adj(GND)
Vctrl
Vin
5
2
1
4
3
( AP1184S7 )
Adj(GND)
Vsense
Vin
Vctrl
Vin
Vout
NC
7
6
5
8
2
3
4
1
Pin Descriptions
Pin Numbers with standard type are for TO220-5L, TO263-5L packages, and those with boldface type are for SOP-7L
Name
I/O
Description
Adj
(GND)
A resistor divider from this pin to the Vout pin and ground sets the output voltage.
(GND only for fixed mode)
Vsense
I
This pin is the positive side of the reference that allows remote load sensing to
achieve excellent load regulation. A minimum of 10uF capacitor must be connected
from this pin to ground to insure stability.
Vin
I
The input of the regulator. Typically a large storage capacitor is connected from this
pin to ground to insure that the input voltage does not sag below the minimum
dropout voltage during the load transient response. This pin must always be higher
than Vout in order for the device to regulate.
Vctrl
I
This pin is the supply pin for the internal control circuit as well as the base drive for
the pass transistor. This pin must always by higher than the Vout pin in order the
device to regulate. A minimum of 100uF capacitor must be connected from this pin to
ground to insure stability.
NC
No connection
Vout
O
The output of the regulator. A minimum of 100uF capacitor must be connected from
this pin to ground to insure stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com