Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1122D Datasheet(PDF) 8 Page - Anachip Corp

Part # AP1122D
Description  1A Low Dropout Positive Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1122D Datasheet(HTML) 8 Page - Anachip Corp

Back Button AP1122D Datasheet HTML 2Page - Anachip Corp AP1122D Datasheet HTML 3Page - Anachip Corp AP1122D Datasheet HTML 4Page - Anachip Corp AP1122D Datasheet HTML 5Page - Anachip Corp AP1122D Datasheet HTML 6Page - Anachip Corp AP1122D Datasheet HTML 7Page - Anachip Corp AP1122D Datasheet HTML 8Page - Anachip Corp AP1122D Datasheet HTML 9Page - Anachip Corp AP1122D Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1A Low Dropout Positive Regulator
AP1122
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct 21, 2004
8/10
(3) TO252
b2
E
e
b
e1
H
SEATING PLANE
L
5.6
2.25
Land Pattern Recommendation (Unit: mm)
1.2
Notes:
1.
JEDEC Outline: TO-252 AB
2.
Mils suggested for positive contact at mounting.
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
2.18
2.29
2.39
0.086
0.090
0.094
A1
1.02
1.15
1.27
0.040
0.045
0.050
b
0.61 TYP.
0.024 TYP.
b2
5.20
5.35
5.50
0.205
0.211
0.217
C
0.46
0.52
0.58
0.018
0.020
0.023
C1
0.46
0.52
0.58
0.018
0.020
0.023
D
5.33
5.57
5.80
0.210
0.219
0.228
E
6.35
6.58
6.80
0.250
0.259
0.268
e
2.25 BSC.
0.089 BSC.
e1
4.50 BSC.
0.177 BSC.
H
9.00
9.70
10.40
0.354
0.382
0.409
L
0.51
-
-
0.020
-
-
L1
0.64
0.83
1.02
0.025
0.033
0.040
L2
1.52
1.78
2.03
0.060
0.070
0.080



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com