Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRL0603-FW-R090ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CRL0603-FW-R090ELF
Description  Low Value Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRL0603-FW-R090ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CRL0603-FW-R090ELF Datasheet HTML 1Page - Bourns Electronic Solutions CRL0603-FW-R090ELF Datasheet HTML 2Page - Bourns Electronic Solutions CRL0603-FW-R090ELF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
RoHScompliant*
n
Valuesfrom0.02to9.10ohms
n
Toleranceof1%or5%
n
Fivepackagesizesavailable
n
Tapeandreelpackaging
CRLSeries-LowValueChipResistors
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Electrical Characteristics
Value Table
Value
(W)
CRL0603
1%
CRL0603
5%
CRL0805
1%
CRL0805
5%
CRL1206
1%
CRL1206
5%
CRL2010
1%
CRL2010
5%
CRL2512
1%
CRL2512
5%
0.020
NotAvailable
NotAvailable
NotAvailable
NotAvailable
A
A
P
P
P
P
0.022
NotAvailable
NotAvailable
NotAvailable
NotAvailable
A
A
A
A
A
A
0.024
NotAvailable
NotAvailable
NotAvailable
NotAvailable
A
A
A
A
A
A
0.027
NotAvailable
NotAvailable
NotAvailable
NotAvailable
A
A
A
A
A
A
0.030
NotAvailable
NotAvailable
NotAvailable
NotAvailable
A
A
P
P
P
P
0.033
NotAvailable
NotAvailable
NotAvailable
NotAvailable
A
A
A
A
A
A
0.036
NotAvailable
NotAvailable
NotAvailable
NotAvailable
A
A
A
A
A
A
0.039
NotAvailable
NotAvailable
NotAvailable
NotAvailable
A
A
A
A
A
A
0.040
NotAvailable
NotAvailable
NotAvailable
NotAvailable
A
A
P
P
P
P
0.043
NotAvailable
NotAvailable
NotAvailable
NotAvailable
A
A
A
A
A
A
0.047
NotAvailable
NotAvailable
NotAvailable
NotAvailable
A
A
A
A
A
A
0.050
NotAvailable
NotAvailable
A
A
P
P
P
P
P
P
0.051
NotAvailable
NotAvailable
A
A
A
A
A
A
A
A
0.056
NotAvailable
NotAvailable
A
A
A
A
A
A
A
A
0.060
NotAvailable
NotAvailable
A
A
A
A
A
A
A
A
0.062
NotAvailable
NotAvailable
A
A
A
A
A
A
A
A
0.068
NotAvailable
NotAvailable
A
A
A
A
A
A
A
A
0.070
NotAvailable
NotAvailable
A
A
A
A
A
A
A
A
0.075
NotAvailable
NotAvailable
A
A
A
A
A
A
A
A
0.080
NotAvailable
NotAvailable
A
A
A
A
A
A
A
A
0.082
NotAvailable
NotAvailable
A
A
A
A
A
A
A
A
0.090
NotAvailable
NotAvailable
A
A
A
A
A
A
A
A
0.091
NotAvailable
NotAvailable
A
A
A
A
A
A
A
A
P = Popular Value
A = Available Value (may have greater minimum order quantity)
Characteristic
Model CRL0603
Model CRL0805
Model CRL1206
Model CRL2010
Model CRL2512
Power Rating @ 70 °C
0.100 watt
0.125 watt
0.250 watt
0.50 watt
1.00 watt
Operating Temperature Range
-55 to +125 °C
Derated to Zero Load at
+125 °C
Maximum Working Voltage
(PR)1/2
(PR)1/2
(PR)1/2
(PR)1/2
(PR)1/2
Resistance Range 1 %
R ≥ 0.10 Ω: E24 Series
R < 0.10 Ω: See Value Table
0.10 to 9.10 W
0.05 to 9.10 W
0.02 to 9.10 W
0.02 to 9.10 W
0.02 to 9.10 W
Resistance Range 5 %*
R ≥ 0.10 Ω: E24 Series
R < 0.10 Ω: See Value Table
0.10 to 0.91 W
0.05 to 0.91 W
0.02 to 0.91 W
0.02 to 0.91 W
0.02 to 0.91 W
Temperature Coefficient
0.05 Ω ≤ R ≤ 9.1 Ω
0.02 Ω < R <0.05 Ω
R = 0.02 Ω
±200 PPM/°C
±400 PPM/°C
±600 PPM/°C
* For 5 % tolerance and resistance value ≥ 1 ohm, please see Bourns® Model CR Series.
R300


Similar Part No. - CRL0603-FW-R090ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRL0603-FW-R090ELF BOURNS-CRL0603-FW-R090ELF Datasheet
215Kb / 3P
CRL Series - Low Value Chip Resistors
CRL0603-FW-R090ELF BOURNS-CRL0603-FW-R090ELF Datasheet
215Kb / 3P
Low Value Chip Resistors
More results

Similar Description - CRL0603-FW-R090ELF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRF3W WELWYN-LRF3W Datasheet
306Kb / 3P
Low Value 3W Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors(Current Sensing Resistors)
logo
Bi technologies
LRF3W-R05JW BITECH-LRF3W-R05JW Datasheet
139Kb / 3P
Low Value 3W Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
Bourns Electronic Solut...
CRL0603-FW-R090ELF BOURNS-CRL0603-FW-R090ELF Datasheet
215Kb / 3P
Low Value Chip Resistors
logo
List of Unclassifed Man...
LRF3W-R10JW ETC2-LRF3W-R10JW Datasheet
501Kb / 4P
Low Value 3W Chip Resistors
logo
TT Electronics.
LRC-LRF3WLF-01 TTELEC-LRC-LRF3WLF-01 Datasheet
523Kb / 3P
LOW Value 3W Chip Resistors
LRF3W TTELEC-LRF3W_17 Datasheet
538Kb / 3P
Low Value 3W Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com