Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-NSMF016 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-NSMF016
Description  PTC Resettable Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-NSMF016 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-NSMF016 Datasheet HTML 1Page - Bourns Electronic Solutions MF-NSMF016 Datasheet HTML 2Page - Bourns Electronic Solutions MF-NSMF016 Datasheet HTML 3Page - Bourns Electronic Solutions MF-NSMF016 Datasheet HTML 4Page - Bourns Electronic Solutions MF-NSMF016 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MF-NSMFSeries-PTCResettableFuses
A
B
C
Top and Bottom View
Side View
D
Top View
Style 2
Style 1
Bottom View
Side View
Recommended Pad Layout
2
A
B
D
C
1.6±0.10
(.063±.004)
2.0±0.10
(.079±.004)
Recommended Pad Layout
1.6±0.1
(0.063±.004)
2.0±0.1
(.079±.004)
1.0±0.05
(.039±.002)
1.0±0.05
(.039±.002)
1.0±0.05
(.039±.002)
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Model
A
B
C
D
Style
Min.
Max.
Min.
Max.
Min.
Max.
Min.
MF-NSMF012
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.70
(0.028)
1.10
(0.043)
0.25
(0.010)
1
MF-NSMF016
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.48
(0.019)
0.85
(0.033)
0.25
(0.010)
1
MF-NSMF020
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.48
(0.019)
0.85
(0.033)
0.25
(0.010)
1
MF-NSMF020X
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.40
(0.016)
0.85
(0.033)
0.25
(0.010)
2
MF-NSMF025X
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.48
(0.019)
0.85
(0.033)
0.25
(0.010)
2
MF-NSMF035
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.48
(0.019)
0.85
(0.033)
0.25
(0.010)
1
MF-NSMF035X
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.40
(0.016)
0.85
(0.033)
0.25
(0.010)
2
MF-NSMF050
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.48
(0.019)
0.85
(0.033)
0.25
(0.010)
1
MF-NSMF075
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.40
(0.016)
0.70
(0.028)
0.25
(0.010)
1
MF-NSMF110
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.40
(0.016)
0.70
(0.028)
0.25
(0.010)
1
MF-NSMF150
3.00
(0.118)
3.40
(0.134)
1.40
(0.055)
1.80
(0.071)
0.40
(0.016)
0.70
(0.028)
0.25
(0.010)
1
MF-NSMF200
3.00
(0.118)
3.50
(0.138)
1.40
(0.055)
1.80
(0.071)
0.70
(0.028)
1.60
(0.063)
0.25
(0.010)
1
Packaging: 3000 pcs. per reel.
Terminal material:
Electroless Ni under immersion Au
Termination pad solderability:
Standard Au finish:
Meets ANSI/J-STD-002 Category 2.
Recommended Storage:
40 °C max./70 % RH max.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
MF-NSMFSeries-PTCResettableFuses



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com