Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1122Y Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1122Y
Description  1A Low Dropout Positive Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1122Y Datasheet(HTML) 2 Page - Anachip Corp

  AP1122Y Datasheet HTML 1Page - Anachip Corp AP1122Y Datasheet HTML 2Page - Anachip Corp AP1122Y Datasheet HTML 3Page - Anachip Corp AP1122Y Datasheet HTML 4Page - Anachip Corp AP1122Y Datasheet HTML 5Page - Anachip Corp AP1122Y Datasheet HTML 6Page - Anachip Corp AP1122Y Datasheet HTML 7Page - Anachip Corp AP1122Y Datasheet HTML 8Page - Anachip Corp AP1122Y Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1A Low Dropout Positive Regulator
AP1122
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Oct 21, 2004
2/10
Connection Diagram
3 PIN SOT223
3 PIN TO252 / TO263
3 PIN TO220
Vin
Vout
GND
Tab is Vout
( Top View )
3
2
1
Vin
Vout
GND
Tab is Vout
Tab is Vout
Vin
Vout
GND
( Top View )
3 PIN SOT89
GND
Vout
Vin
3
2
1
1
3
2
Tab is Vout
3
2
1
Block Diagram
3
Thermal
Shutdown
1
2
Vout
GND
1.2V
+
+
CURRENT
LIMIT
Vin
+
-
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com