Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4SMA Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # P4SMA
Description  Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P4SMA Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  P4SMA Datasheet HTML 1Page - Bourns Electronic Solutions P4SMA Datasheet HTML 2Page - Bourns Electronic Solutions P4SMA Datasheet HTML 3Page - Bourns Electronic Solutions P4SMA Datasheet HTML 4Page - Bourns Electronic Solutions P4SMA Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
P4SMATransientVoltageSuppressorDiodeSeries
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Unidirectional Device
Bidirectional Device
Breakdown Voltage
VBR (Volts)
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage
@ VRWM
Maximum
Reverse
Voltage
@ IRSM
Maximum
Reverse
Surge
Current
Part No.
Marking
Part No.
Marking Min. Max. @ IT (mA) VRWM (V)
IR (μA)
VRSM (V)
IRSM (A)
P4SMA6.8A
6V8A
P4SMA6.8CA
6V8C
6.45
7.14
10
5.8
1000
10.5
39
P4SMA7.5A
7V5A
P4SMA7.5CA
7V5C
7.13
7.88
10
6.4
500
11.3
36.3
P4SMA8.2A
8V2A
P4SMA8.2CA
8V2C
7.79
8.61
10
7.02
200
12.1
33.9
P4SMA9.1A
9V1A
P4SMA9.1CA
9V1C
8.65
9.55
1
7.78
50
13.4
30.6
P4SMA10A
10A
P4SMA10CA
10C
9.5
10.5
1
8.55
10
14.5
28.3
P4SMA11A
11A
P4SMA11CA
11C
10.5
11.6
1
9.4
5
15.6
26.3
P4SMA12A
12A
P4SMA12CA
12C
11.4
12.6
1
10.2
5
16.7
24.6
P4SMA13A
13A
P4SMA13CA
13C
12.4
13.7
1
11.1
1
18.2
22.5
P4SMA15A
15A
P4SMA15CA
15C
14.3
15.8
1
12.8
1
21.2
19.3
P4SMA16A
16A
P4SMA16CA
16C
15.2
16.8
1
13.6
1
22.5
18.2
P4SMA18A
18A
P4SMA18CA
18C
17.1
18.9
1
15.3
1
25.5
16.1
P4SMA20A
20A
P4SMA20CA
20C
19
21
1
17.1
1
27.7
14.8
P4SMA22A
22A
P4SMA22CA
22C
20.9
23.1
1
18.8
1
30.6
13.4
P4SMA24A
24A
P4SMA24CA
24C
22.8
25.2
1
20.5
1
33.2
12.3
P4SMA27A
27A
P4SMA27CA
27C
25.7
28.4
1
23.1
1
37.5
10.9
P4SMA30A
30A
P4SMA30CA
30C
28.5
31.5
1
25.6
1
41.4
9.9
P4SMA33A
33A
P4SMA33CA
33C
31.4
34.7
1
28.2
1
45.7
9
P4SMA36A
36A
P4SMA36CA
36C
34.2
37.8
1
30.8
1
49.9
8.2
P4SMA39A
39A
P4SMA39CA
39C
37.1
41
1
33.3
1
53.9
7.6
P4SMA43A
43A
P4SMA43CA
43C
40.9
45.2
1
36.8
1
59.3
6.9
P4SMA47A
47A
P4SMA47CA
47C
44.7
49.4
1
40.2
1
64.8
6.3
P4SMA51A
51A
P4SMA51CA
51C
48.5
53.6
1
43.6
1
70.1
5.8
P4SMA56A
56A
P4SMA56CA
56C
53.2
58.8
1
47.8
1
77
5.3
P4SMA62A
62A
P4SMA62CA
62C
58.9
65.1
1
53
1
85
4.8
P4SMA68A
68A
P4SMA68CA
68C
64.6
71.4
1
58.1
1
92
4.5
P4SMA75A
75A
P4SMA75CA
75C
71.3
78.8
1
64.1
1
103
4
P4SMA82A
82A
P4SMA82CA
82C
77.9
86.1
1
70.1
1
113
3.6
P4SMA91A
91A
P4SMA91CA
91C
86.5
95.5
1
77.8
1
125
3.3
P4SMA100A
100A
P4SMA100CA
100C
95
105
1
85.5
1
137
3
P4SMA110A
110A
P4SMA110CA
110C
105
116
1
94
1
152
2.7
P4SMA120A
120A
P4SMA120CA
120C
114
126
1
102
1
165
2.5
P4SMA130A
130A
P4SMA130CA
130C
124
137
1
111
1
179
2.3
P4SMA150A
150A
P4SMA150CA
150C
143
158
1
128
1
207
2
P4SMA160A
160A
P4SMA160CA
160C
152
168
1
136
1
219
1.9
P4SMA170A
170A
P4SMA170CA
170C
162
179
1
145
1
234
1.8
P4SMA180A
180A
P4SMA180CA
180C
171
189
1
154
1
246
1.7
P4SMA200A
200A
P4SMA200CA
200C
190
210
1
171
1
274
1.5
P4SMA220A
220A
P4SMA220CA
220C
209
231
1
185
1
328
1.3
P4SMA250A
250A
P4SMA250CA
250C
237
263
1
214
1
344
1.2
P4SMA300A
300A
P4SMA300CA
300C
285
315
1
256
1
414
1
P4SMA350A
350A
P4SMA350CA
350C
332
368
1
300
1
482
0.9
P4SMA400A
400A
P4SMA400CA
400C
380
420
1
342
1
548
0.8
P4SMA440A
440A
P4SMA440CA
440C
418
462
1
376
1
602
0.7
P4SMA480A
480A
P4SMA480CA
480C
456
504
1
408
1
658
0.6
P4SMA510A
510A
P4SMA510CA
510C
485
535
1
434
1
698
0.6
P4SMA530A
530A
P4SMA530CA
530C
503.5 556.5
1
477
1
725
0.6
P4SMA540A
540A
P4SMA540CA
540C
513
567
1
486
1
740
0.5
P4SMA550A
550A
P4SMA550CA
550C
522.5 577.5
1
495
1
760
0.5
Notes: 1. Suffix ‘A’ denotes a 5 % tolerance unidirectional device.
3. For bidirectional devices with a VR of 10 volts or less, the IR limit is double.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com