Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # P6SMB
Description  Transient Voltage Suppressor Diode Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

P6SMB Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  P6SMB Datasheet HTML 1Page - Bourns Electronic Solutions P6SMB Datasheet HTML 2Page - Bourns Electronic Solutions P6SMB Datasheet HTML 3Page - Bourns Electronic Solutions P6SMB Datasheet HTML 4Page - Bourns Electronic Solutions P6SMB Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3312-2mmSMDTrimmingPotentiometer
Product Dimensions
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
P6SMBTransientVoltageSuppressorDiodeSeries
Recommended Footprint
Physical Specifications
Case ...........................................Molded plastic per UL Class 94V-0
Polarity....................... Cathode band indicates unidirectional device
No cathode band indicates bidirectional device
DIMENSIONS:
MM
(INCHES)
a
c
B
F
E
C
b
MM
(INCHES)
DIMENSIONS:
G
D
A
CATHODE
BAND
(FORUNIDIRECTIONAL
PRODUCTSONLY)
a
c
B
F
E
C
b
MM
(INCHES)
DIMENSIONS:
G
D
A
CATHODE
BAND
(FORUNIDIRECTIONAL
PRODUCTSONLY)
Dimension
SMB (DO-214AA)
A
4.06 - 4.57
(0.160 - 0.180)
B
3.30 - 3.94
(0.130 - 0.155)
C
1.95 - 2.20
(0.077 - 0.087)
D
5.21 - 5.59
(0.205 - 0.220)
E
0.05 - 0.203
(0.002 - 0.008)
F
2.13 - 2.44
(0.080 - 0.103)
G
0.76 - 1.52
(0.030 - 0.060)
DIMENSIONS:
MM
(INCHES)
Dimension
SMB (DO-214AA)
a (Max.)
2.69
(0.106)
b (Min.)
2.10
(0.083)
c (Min.)
1.27
(0.050)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com