Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4116R-R2R-501 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4116R-R2R-501
Description  Thick Film Networks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4116R-R2R-501 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4116R-R2R-501 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
■ Resistance range: 100 ohms to 1 megohm
■ SIP and DIP packages
■ Surface mount and through-hole available
■ RoHS compliant* (see How to Order
“Termination” option)
For information on R/2R Thick Film Networks,
download Bourns’ R/2R Application Note.
R/2R Series Thick Film Networks
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Characteristics
Resistance Range
Models 4100, 4300, 4400 & 4800
.................... 100 ohms to 100K ohms
Model 4600 ...100 ohms to 1 megohm
Standard Tolerance ....................... ±2 %
See applicable model data sheet for
complete list of product characteristics.
Environmental Characteristics
See applicable model data sheet for
complete list of environmental
characteristics.
Physical Characteristics
See applicable model data sheet for
complete list of physical characteristics.
Resistor Schematic
How To Order
4116R - R2R - 501 __
Model
(See “Available Models”)
Electrical Configuration
R2R = Standard R/2R**
121 = Reversed R/2R***
Resistance Code (for value of R)
• First 2 digits are significant;
third digit represents the
number of zeros to follow.
• 2R is double the value of R in circuit.
Terminations
LF = Tin-coated (RoHS compliant version)
(Model 4416P is ONLY available in the
RoHS compliant version.)
Blank = Tin/Lead
(Model 4416P is not available with
tin/lead terminations.)
**Standard R2R Electrical Configuration not
available for Model 4600H Series.
***Reversed R/2R Electrical Configuration not
available for Model 4600H, 4600M or 4600X
Series.
Product Dimensions
Typical Part Marking
Represents total content. Layout may
vary.
For Standard Values Used in
Capacitors, Inductors, and Resistors,
click here.
PART
NUMBER
4114R-R2R-
501
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
16
1
9
8
2R
R
2R
15
2
2R
R
14
3
2R
R
13
4
2R
R
12
5
2R
R
11
6
2R
R
10
7
2R
R
2R
OUT
RT
16-PIN
8-BIT
DIP
PIN
BIT
18
23
4
5
6
7
MSB
LSB
2
2R
R
3
2R
R
4
2R
R
5
2R
R
6
2R
R
7
2R
R
8
2R
R
9
2R
1
BIT OUT
18
23
4
5
6
7
MSB
LSB
PIN
10
2R
RT
10-PIN
8-BIT
SIP
16
1
9
8
2R
R
15
2
2R
R
14
3
2R
R
13
4
2R
R
12
5
2R
R
11
6
2R
R
10
7
2R
R
2R
2R
OUT
RT
16-PIN
8-BIT
DIP
PIN
BIT
81
76
5
4
3
2
MSB
LSB
2
2R
R
3
2R
R
4
2R
R
5
2R
R
6
2R
R
7
2R
R
8
2R
R
9
2R
1
BIT RT
81
76
5
4
3
2
LSB
MSB
PIN
10
2R
OUT
10-PIN
8-BIT
SIP
See applicable model data sheet for
complete product dimensions.
R2R Circuit
121 Circuit
Power Derating Curve
100
50
0
0
25
70
125
AMBIENT TEMPERATURE (
°C)
Power Rating per Resistor
Power per Resistor
Model
(Watts)
4100R, 4300R, 4400P, 4600X***, 4800P.................................................................. 0.125
4300M, 4600M*** .................................................................................................... 0.170
4300H ...................................................................................................................... 0.200


Similar Part No. - 4116R-R2R-501

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4116R-R2R-501LF BOURNS-4116R-R2R-501LF Datasheet
383Kb / 1P
Thick Film Networks
More results

Similar Description - 4116R-R2R-501

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4B04B BOURNS-4B04B Datasheet
109Kb / 1P
Thick Film Surge Resistor Networks
logo
ABCO ELECTRONICS CO.LTD
ANR9X472J ABCO-ANR9X472J Datasheet
560Kb / 2P
THICK FILM RESISTOR NETWORKS
logo
RCD COMPONENTS INC.
CL082V-10R0-G RCD-CL082V-10R0-G Datasheet
178Kb / 1P
THICK FILM SIP NETWORKS
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
Thick Film Chip Resistor Arrays & Networks
logo
MERITEK ELECTRONICS COR...
RA-RB MERITEK-RA-RB Datasheet
142Kb / 2P
Thick Film Resistor Networks
logo
Bourns Electronic Solut...
4116R-R2R-104 BOURNS-4116R-R2R-104 Datasheet
383Kb / 1P
R/2R Series Thick Film Networks
4816P-R2R-103 BOURNS-4816P-R2R-103 Datasheet
383Kb / 1P
R/2R Series Thick Film Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
Thick Film Resistor Networks
logo
Bourns Electronic Solut...
4116R-R2R-501LF BOURNS-4116R-R2R-501LF Datasheet
383Kb / 1P
Thick Film Networks
logo
List of Unclassifed Man...
CN34JTN103 ETC-CN34JTN103 Datasheet
1Mb / 11P
Thick Film Chip Resistor Networks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com