Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1212LSL Datasheet(PDF) 7 Page - Anachip Corp

Part # AP1212LSL
Description  Dual USB High-Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1212LSL Datasheet(HTML) 7 Page - Anachip Corp

Back Button AP1212LSL Datasheet HTML 3Page - Anachip Corp AP1212LSL Datasheet HTML 4Page - Anachip Corp AP1212LSL Datasheet HTML 5Page - Anachip Corp AP1212LSL Datasheet HTML 6Page - Anachip Corp AP1212LSL Datasheet HTML 7Page - Anachip Corp AP1212LSL Datasheet HTML 8Page - Anachip Corp AP1212LSL Datasheet HTML 9Page - Anachip Corp AP1212LSL Datasheet HTML 10Page - Anachip Corp AP1212LSL Datasheet HTML 11Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AP1212
Dual USB High-Side Power Switch
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Sep.23, 2004
7/11
Functional Characteristics
Turn-On/Turn-Off (AP1212H)
Turn-On (AP1212H)
TIME (10mS/div.)
TIME (200µS/div.)
Turn-Off (AP1212H)
Enabled Into Short (AP1212H)
TIME (2mS/div.)
TIME (500µS/div.)
Current-Limit Response (AP1212H)
Current-Limit Response (AP1212H)
TIME (50mS/div.)
TIME (20µS/div.)
IOUT
VEN
VFLG
VOUT
IOUT
VIN=5V
CL=47µF
RL=35Ω
Inrush Current
140 mA
Inrush Current
VEN
VFLG
VOUT
VIN=5V
CL=47µF
RL=35Ω
Output Turn-On
Rise Time
140 mA
140 mA
VIN=5V
CL=47µF
RL=35Ω
VEN
VFLG
VOUT
IOUT
VIN=5V
Short-Circuit Current
VEN
VFLG
VOUT
IOUT
Hysteresis (10
OC)
VIN=5V
CL=47µF
Current-Limit
Threshold
Short-Circuit Current
Thermal Shutdown
VEN
VFLG
VOUT
IOUT
VIN=5V
CL=47µF
Current-Limit
Threshold
Short-Circuit Current
VEN
VFLG
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com