Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1122TA Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1122TA
Description  1A Low Dropout Positive Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1122TA Datasheet(HTML) 1 Page - Anachip Corp

  AP1122TA Datasheet HTML 1Page - Anachip Corp AP1122TA Datasheet HTML 2Page - Anachip Corp AP1122TA Datasheet HTML 3Page - Anachip Corp AP1122TA Datasheet HTML 4Page - Anachip Corp AP1122TA Datasheet HTML 5Page - Anachip Corp AP1122TA Datasheet HTML 6Page - Anachip Corp AP1122TA Datasheet HTML 7Page - Anachip Corp AP1122TA Datasheet HTML 8Page - Anachip Corp AP1122TA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1A Low Dropout Positive Regulator
AP1122
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.0 Oct 21, 2004
1/10
Features
- 1.3V maximum dropout at full load current
- Fixed 1.2V+ 2% output voltage
- Fast transient response
- Output current limiting
- Built-in thermal shutdown
- Good noise rejection
- Pb-Free Packages: SOT223, TO263, TO252,
TO220, SOT89
Applications
- PC peripheral
- Communication
General Description
AP1122 is a low dropout positive fixed-mode
regulator with minimum of 1A output current
capability. The product is specifically designed to
provide well-regulated supply for low voltage IC
applications such as high-speed bus termination
and low current 1.2V logic supply. AP1122 is also
well suited for other applications such as VGA
cards. AP1122 is guaranteed to have lower than
1.3V dropout at full load current making it ideal to
provide well-regulated outputs of 1.2 output voltage
with 2.5V input voltage supply.
Ordering Information
AP1122 X X
Low Dropout Regulator
Package
E : SOT223-3L
K : TO263-3L
D : TO252-3L
T : TO220-3L
Y : SOT89-3L
Packing
Blank : Tube
A
: Taping
Typical Circuit
C2
100uF
2.5V
1.2V/1A
Tab is Vout
Vin
Vout
GND
C1
100uF


Similar Part No. - AP1122TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1122TL-U DIODES-AP1122TL-U Datasheet
206Kb / 11P
1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
More results

Similar Description - AP1122TA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
1A Low Dropout Positive Regulator
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
1A LOW DROPOUT POSITIVE REGULATOR
logo
ADDtek Corp
AMC1112 ADDTEK-AMC1112 Datasheet
176Kb / 8P
1A LOW DROPOUT POSITIVE REGULATOR
MAY 2007
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
1A LOW DROPOUT POSITIVE REGULATOR
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122 Datasheet
178Kb / 4P
1A Low Dropout Positive Regulator
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com