Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1038A-R36M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP1038A-R36M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1038A-R36M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP1038A-R36M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1038A-R36M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1038A-R36M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1038A-R36M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Shieldedconstruction
n
Carbonylpowdercore
n
Highsaturationcurrent
n
Inductancerange:0.20to47µH
n
AEC-Q200qualified
n
RoHScompliant*andhalogenfree**
Applications
n
Automotivesystems:
-Driverassistant
-Information
-Entertainment
-Lighting
n
DC/DCconverters
n
Powersupplies
SRP1038ASeries-ShieldedPowerInductors
Test Voltage....................................1.0 V
Test Frequency.........................100 KHz
Operating Temperature
................................-40 °C to +150 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Rated Current
............ Inductance drops 20 % at Isat
Temperature Rise .....40 °C at rated Irms
Resistance to Soldering Heat
........................ +260 °C, 40 sec. max.
Moisture Sensitivity Level.....................1
ESD Classification (HBM)...................3B
Electrical Specifications @ 25 °C
General Specifications
Core.............................Carbonyl powder
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging....... 500 pcs. per 13-inch reel
Materials
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)
andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Bourns
Part Number
Inductance
@ 100 KHz
/ 1 V
Q (Min.)
@100 KHz
/ 1 V
SRF
(MHz)
Typ.
DCR
(mW)
Typ.
DCR
(mW)
Max.
Irms
(A)
Isat
(A)
Terminal
Type
L
(µH)
Tol.
(%)
SRP1038A-R20M 0.20 20
10
155
0.66
0.95
35
70
Non-
Lead
Frame
SRP1038A-R22M 0.22 20
10
155
0.8
1
35
60
SRP1038A-R27M 0.27 20
10
120
0.82
1
33
60
SRP1038A-R33M 0.33 20
15
108
1
1.2
31
60
SRP1038A-R36M 0.36 20
15
105
1.05
1.2
31
60
SRP1038A-R39M 0.39 20
15
100
1.1
1.3
30
60
SRP1038A-R45M 0.45 20
15
75
1.3
1.5
29
45
SRP1038A-R56M 0.56 20
15
70
1.6
1.8
25
40
SRP1038A-1R0M 1.0
20
20
47
3
3.3
18
36
SRP1038A-1R2M 1.2
20
20
33
3.3
3.8
17
33
SRP1038A-1R5M 1.5
20
20
30
4
4.6
16
33
SRP1038A-2R2M 2.2
20
20
25
6.5
7
12
27
Lead
Frame
SRP1038A-3R3M 3.3
20
20
18
10.8
11.8
11
20
SRP1038A-4R7M 4.7
20
20
16
15
15.5
10
17
SRP1038A-5R6M 5.6
20
20
15
17
19.3
9
14
SRP1038A-6R8M 6.8
20
20
13
17.5
23.3
8.5 13.5
SRP1038A-8R2M 8.2
20
20
12
20
24
8
12.5
SRP1038A-100M
10
20
20
10
27
30
7.5
12
SRP1038A-150M
15
20
20
9
40
45
6.25
10
SRP1038A-220M
22
20
20
8
64
74
5
7
SRP1038A-330M
33
20
20
6
92
112
3.5
5
SRP1038A-470M
47
20
20
5
145
167
3
4.5
220
1316
Please consult Bourns® Model SRP-A
Series Visual Inspection Guide for detailed
construction, processing and testing
information.
13.6
(.535)
11.0±0.5
(.433±.020)
10.0±0.3
(.394±.012)
5.4
(.213)
3.5
(.138)
3.8±0.2
(.150+.008)
100
1516
11.0±0.5
(.433±.020)
10.0±0.3
(.394±.012)
10.0±0.3
(.394±.012)
10.0±0.3
(.394±.012)
R45
1516
3.8±0.2
(.150+.008)
3.0±0.3
(.118±.012)
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
3.0±0.3
(.118±.012)
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
Non-Lead Frame Terminal
Lead Frame Terminal
13.6
(.535)
11.0±0.5
(.433±.020)
10.0±0.3
(.394±.012)
5.4
(.213)
3.5
(.138)
3.8±0.2
(.150+.008)
100
1516
11.0±0.5
(.433±.020)
10.0±0.3
(.394±.012)
10.0±0.3
(.394±.012)
10.0±0.3
(.394±.012)
R45
1516
3.8±0.2
(.150+.008)
3.0±0.3
(.118±.012)
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
3.0±0.3
(.118±.012)
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
How to Order
SRP1038A - 100M
Model
Value Code (see table)
Electrical Schematic
13.6
(.535)
11.0±0.5
(.433±.020)
10.0±0.3
(.394±.012)
5.4
(.213)
3.5
(.138)
3.8±0.2
(.150+.008)
100
1516
11.0±0.5
(.433±.020)
10.0±0.3
(.394±.012)
10.0±0.3
(.394±.012)
10.0±0.3
(.394±.012)
R45
1516
3.8±0.2
(.150+.008)
3.0±0.3
(.118±.012)
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
3.0±0.3
(.118±.012)
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)


Similar Part No. - SRP1038A-R36M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1038AA BOURNS-SRP1038AA Datasheet
632Kb / 5P
Shielded Power Inductors
SRP1038AA-100M BOURNS-SRP1038AA-100M Datasheet
632Kb / 5P
Shielded Power Inductors
SRP1038AA-150M BOURNS-SRP1038AA-150M Datasheet
632Kb / 5P
Shielded Power Inductors
SRP1038AA-1R0M BOURNS-SRP1038AA-1R0M Datasheet
632Kb / 5P
Shielded Power Inductors
SRP1038AA-1R5M BOURNS-SRP1038AA-1R5M Datasheet
632Kb / 5P
Shielded Power Inductors
More results

Similar Description - SRP1038A-R36M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com