Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1245A-R36M Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SRP1245A-R36M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1245A-R36M Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SRP1245A-R36M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1245A-R36M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1245A-R36M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1245A-R36M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SRF0504Series-LineFilter
SRP1245ASeries-ShieldedPowerInductors
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
USER DIRECTION OF FEED
3°
4.0
(.157)
1.75
(.069)
2.0
(.079)
DIA.
1.5±0.1
(.059±.004)
11.5±0.1
(.453±.004)
24.0±0.3
(.945±.012)
7.0±0.1
(.276±.004)
13.0±0.1
(.512±.004)
16.0±0.1
(.630±.004)
24.0±0.5
(.945±.020)
2.0±0.5
(.079±.020)
100.0±2.0
(3.937±.079)
330
(12.99)DIA.
13.5±0.5
(.531±.020)
DIA.
13.5±0.5
(.531±.020)
DIA.
24
(.945)
0.35±0.05
(.014±.002)
5.5±0.1
(.217±.004)
13.0±0.1
(.512±.004)
14.2±0.1
(.559±.004)
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
QTY:500PCS.PERREEL
REV. 06/17



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com