Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP2510A-R47M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP2510A-R47M
Description  Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP2510A-R47M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP2510A-R47M Datasheet HTML 1Page - Bourns Electronic Solutions SRP2510A-R47M Datasheet HTML 2Page - Bourns Electronic Solutions SRP2510A-R47M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.5 ± 0.2
(.098 ± .008)
2.0 ± 0.2
(.079 ± .008)
2.0
(.079)
0.6 ± 0.3
(.024 + .012)
0.6 ± 0.3
(.024 + .012)
1.0
(.039)
MAX.
2.8
(.110)
1.2
(.047)
Features
n
Wirewound
n
Shieldedconstruction
n
Metalalloypowdercore
n
Highsaturationcurrent
n
Lowprofile
n
AEC-Q200qualified
n
RoHScompliant*andhalogenfree**
Applications
n
Automotivesystems:
-Driverassistant
-Lighting
-Infotainment
n
DC/DCconverters
n
Powersupplies
n
Smartphones
n
HDD/SSD
n
Miniaturemobileelectronicdevices
SRP2510ASeries-ShieldedPowerInductors
Operating Temperature...-40 °C to +125 °C
(Temperature rise included)
Storage Temperature (Component)
....................................-50 °C to +125 °C
Rated Current
................ Inductance drops 30 % at Isat
Temperature Rise .........40 °C at rated Irms
Moisture Sensitivity Level (MSL) ..............1
ESD Classification (HBM).......................3B
Electrical Specifications @ 25 °C
General Specifications
Core..............................Metal alloy powder
Wire ................................Enameled copper
Terminal Finish .......................................Sn
Packaging........... 3000 pcs. per 7-inch reel
Materials
Recommended Layout
DIMENSIONS:
MM
(INCHES)
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdevice
performancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Bourns
Part Number
Inductance
@ 1 MHz
/ 1 V
Q (Typ.)
@1 MHz /
1 V
SRF
(MHz)
Typ.
DCR
(mW)
Typ.
DCR
(mW)
Max.
Irms
(A)
Typ.
Isat
(A)
Typ.
L
(µH)
Tol.
(%)
SRP2510A-R22M 0.22 ±20
35
170
9
12.5
5.9
7.9
SRP2510A-R33M 0.33 ±20
35
170
21
26
4.4
6.6
SRP2510A-R47M 0.47 ±20
35
138
27
32
3.9
5.0
SRP2510A-R68M 0.68 ±20
35
120
37
44
3.4
4.3
SRP2510A-1R0M 1.0
±20
35
94
45
54
3.0
3.5
SRP2510A-1R5M 1.5
±20
35
68
76
91
2.5
2.6
SRP2510A-2R2M 2.2
±20
35
57
99
119
2.3
2.4
SRP2510A-4R7M 4.7
±20
35
40
220
262
1.36
1.8
Product Dimensions
Electrical Schematic
Soldering Profile
t
25 °C to Peak
ts
Preheat
tL
tp
25
TL
Tp
Time (Seconds)
RAMP-DOWN
RAMP-UP
Tsmax
Tsmin
CRITICAL
ZONE
TL to TP
Profile Feature
Pb Free Assembly
Average Ramp Rate (TSmax to TP)
3 °C/second max.
Preheat
- Temperature Min. (TSmin)
- Temperature Max. (TSmax)
- Time (tsmin to tsmax)
150 °C
200 °C
60-180 seconds
Time Maintained Above
- Temperature (TL)
- Time (tL)
217 °C
60-150 seconds
Peak Temperature (Tp)
260 °C +0/-5 °C
Time within 5 °C of Actual Peak Temperature
(Tp)
20-40 seconds
Ramp-Down Rate
6 °C/second max.
Time 25 °C to Peak Temperature
8 minutes max.
4.5
(.177)
1.5
(.060)
2.5
(.099)
2.5 ± 0.2
(.098 ± .008)
2.0 ± 0.2
(.079 ± .008)
2.0
(.079)
0.6 ± 0.3
(.024 + .012)
0.6 ± 0.3
(.024 + .012)
1.0
(.039)
MAX.
2.8
(.110)
1.2
(.047)
How to Order
SRP2510A - R22M
Model
Value Code (see table)


Similar Part No. - SRP2510A-R47M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP2510TMA BOURNS-SRP2510TMA Datasheet
598Kb / 4P
SRP2510TMA Series - Shielded Power Inductors
05/22
SRP2510TMA-1R0M BOURNS-SRP2510TMA-1R0M Datasheet
598Kb / 4P
SRP2510TMA Series - Shielded Power Inductors
05/22
SRP2510TMA-1R5M BOURNS-SRP2510TMA-1R5M Datasheet
598Kb / 4P
SRP2510TMA Series - Shielded Power Inductors
05/22
SRP2510TMA-2R2M BOURNS-SRP2510TMA-2R2M Datasheet
598Kb / 4P
SRP2510TMA Series - Shielded Power Inductors
05/22
SRP2510TMA-R22M BOURNS-SRP2510TMA-R22M Datasheet
598Kb / 4P
SRP2510TMA Series - Shielded Power Inductors
05/22
More results

Similar Description - SRP2510A-R47M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com