Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1245A-R68M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP1245A-R68M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1245A-R68M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP1245A-R68M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1245A-R68M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1245A-R68M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1245A-R68M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SRP1245ASeries-ShieldedPowerInductors
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
L vs. I Charts
0
01133
22
44
55
0.2
0.4
0.8
1.0
0
DC Current (A)
SRP1245A-R56M
20
80
0.6
60
40
100
0
09
36
18
27
45
54
0.3
0.6
1.2
1.5
0
DC Current (A)
SRP1245A-R68M
30
120
0.9
90
60
150
0
015
30
45
60
75
0.15
0.30
0.45
0.60
0
DC Current (A)
SRP1245A-R36M
30
120
90
60
150
0
013
26
39
52
65
0.2
0.4
0.6
0.8
0
DC Current (A)
SRP1245A-R50M
22
88
66
44
110
0
01030
20
40
50
0.4
0.8
1.6
2.0
0
DC Current (A)
SRP1245A-1R0M
30
120
1.2
90
60
150
0
0
9.8
29.4
39.2
19.649
0.3
0.6
0.9
1.2
1.5
0
DC Current (A)
SRP1245A-1R2M
30
40
20
10
50
0
0
6
12
24
30
18
36
42
0.6
1.2
2.4
3.0
0
DC Current (A)
SRP1245A-1R5M
90
1.8
60
30
120
0
0
20
40
60
80
0.2
0.6
0.8
0
DC Current (A)
SRP1245A-R33M
90
120
0.4
60
30
150
0
0
13
26
39
52
65
0.2
0.4
0.8
1.0
0
DC Current (A)
SRP1245A-R47M
90
0.6
60
30
120
0
0
13
26
39
52
65
0.14
0.28
0.56
0.7
0
DC Current (A)
SRP1245A-R39M
80
0.42
60
40
20
100
0
0
8
16
24
32
1
2
4
5
0
DC Current (A)
SRP1245A-3R3M
120
90
3
60
30
150
0
0
4.3
8.6
12.9
17.2
21.5
2
4
8
10
0
DC Current (A)
SRP1245A-6R0M
96
72
6
48
24
120
0
0
5.25
10.5
15.75
21
2
4
8
10
0
DC Current (A)
SRP1245A-6R8M
80
60
6
40
20
100
0
0
2.2
4.4
6.6
8.811
5
0
20
25
0
DC Current (A)
SRP1245A-180M
36
27
15
18
9
45
0
010
20
30
40
1
3
4
0
DC Current (A)
SRP1245A-1R8M
30
120
2
90
60
150
0
04.5
9
13.518
2
4
10
8
12
0
DC Current (A)
SRP1245A-8R2M
20
80
6
60
40
100
0
04
81216
3
6
15
12
18
0
DC Current (A)
SRP1245A-100M
20
80
9
60
40
100
0
08
16
24
32
1
3
4
0
DC Current (A)
SRP1245A-2R2M
30
90
2
60
120
0
05.4
10.8
16.2
21.627
2
6
8
0
DC Current (A)
SRP1245A-4R7M
30
120
4
90
60
150
0
04.4
13.2
8.8
17.622
2
4
8
10
0
DC Current (A)
SRP1245A-5R6M
30
120
6
90
60
150
0
0
22
44
66
88
110
0.07
0.28
0.35
0
DC Current (A)
SRP1245A-R20M
90
120
0.14
0.21
60
30
150
0
02266
44
88
110
0.08
0.16
0.32
0.4
0
DC Current (A)
SRP1245A-R22M
30
120
0.24
90
60
150
0
0
10.4
20.8
31.2
41.652
0.24
0.96
1.20
0
DC Current (A)
SRP1245A-R82M
72
96
0.48
0.72
48
24
120
0
0
2
4
6
810
7
14
28
35
0
DC Current (A)
SRP1245A-220M
60
45
21
30
15
75
0
01030
20
40
0.9
1.8
3.6
4.5
0
DC Current (A)
SRP1245A-2R7M
16
64
2.7
48
32
80
Soldering Profile
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com