Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1245A-R82M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP1245A-R82M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1245A-R82M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP1245A-R82M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1245A-R82M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1245A-R82M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1245A-R82M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Shieldedconstruction
n
Carbonylpowdercore
n
Highsaturationcurrent
n
Inductancerange:0.20to22µH
n
AEC-Q200qualified
n
RoHScompliant*andhalogenfree**
Applications
n
Automotivesystems:
-Driverassistant
-Information
-Entertainment
-Lighting
n
DC/DCconverters
n
Powersupplies
SRP1245ASeries-ShieldedPowerInductors
Test Voltage....................................1.0 V
Test Frequency.........................100 KHz
Operating Temperature
................................-40 °C to +150 °C
(Temperature rise included)
Storage Temperature .. -40 °C to +125 °C
Rated Current
............ Inductance drops 20 % at Isat
Temperature Rise .....40 °C at rated Irms
Resistance to Soldering Heat
........................ +260 °C, 40 sec. max.
Moisture Sensitivity Level.....................1
ESD Classification (HBM)...................3B
Electrical Specifications @ 25 °C
General Specifications
Core.............................Carbonyl powder
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging....... 500 pcs. per 13-inch reel
Materials
Recommended Layout
*RoHSDirective2002/95/ECJan.27,2003including
annexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if
(a)theBromine(Br)contentis900ppmorless;(b)
theChlorine(Cl)contentis900ppmorless;and(c)
thetotalBromine(Br)andChlorine(Cl)contentis
1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdata
sheetcananddovaryindifferentapplicationsand
actualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheir
specificapplications.
Bourns
Part Number
Inductance
@ 100 KHz
/ 1 V
Q (Min.)
@100 KHz
/ 1 V
SRF
(MHz)
Typ.
DCR
(mW)
Typ.
DCR
(mW)
Max.
Irms
(A)
Isat
(A)
Terminal
Type
L
(µH)
Tol.
(%)
SRP1245A-R20M 0.20 20
10
130
0.45
0.55
52
110
Non-
Lead
Frame
SRP1245A-R22M 0.22 20
10
120
0.5
0.7
52
110
SRP1245A-R33M 0.33 20
15
90
0.7
0.9
42
80
SRP1245A-R36M 0.36 20
15
80
0.75
0.95
42
75
SRP1245A-R39M 0.39 20
15
78
0.78
0.95
42
70
SRP1245A-R47M 0.47 20
20
70
0.86
1.1
38
65
SRP1245A-R50M 0.50 20
20
65
0.9
1.3
37
60
SRP1245A-R56M 0.56 20
20
60
1
1.5
36
55
SRP1245A-R68M 0.68 20
20
50
1.4
1.7
34
54
SRP1245A-R82M 0.82 20
20
45
1.7
2.1
31
52
SRP1245A-1R0M
1.0
20
20
40
1.85
2.5
29
50
SRP1245A-1R2M
1.2
20
20
35
2.5
3.0
28
49
SRP1245A-1R5M
1.5
20
20
30
2.8
3.3
27
48
SRP1245A-1R8M
1.8
20
20
27
4
4.9
21
40
Lead
Frame
SRP1245A-2R2M
2.2
20
20
24
4.2
5.5
20
32
SRP1245A-2R7M
2.7
20
20
23
4.7
6.7
17
32
SRP1245A-3R3M
3.3
20
20
22
6.8
9.2
15
32
SRP1245A-4R7M
4.7
20
20
15
11.4
15.0
12
27
SRP1245A-5R6M
5.6
20
20
13
12.3
16.5
11.5
22
SRP1245A-6R0M
6.0
20
20
12
13
16.5
11.5 21.5
SRP1245A-6R8M
6.8
20
20
12
14.5
18.5
11
21
SRP1245A-8R2M
8.2
20
20
11
16.8
22.5
9.5
18
SRP1245A-100M
10
20
20
10
21.4
25.5
9
16
SRP1245A-180M
18
20
20
7
40
45.0
7.5
11
SRP1245A-220M
22
20
20
6
50
58
6.5
10
R47
131
8
Please consult Bourns® Model SRP-A
Series Visual Inspection Guide for detailed
construction, processing and testing
information.
Product Dimensions
Non-Lead Frame Terminal
Lead Frame Terminal
14.2
(.559)
13.5±0.5
(.531±.020)
8.0
(.315)
5.0
(.197)
4.8±0.2
(.189+.008)
12.5±0.3
(.492±.012)
4.7±0.3
(.185±.012)
3R3
1510
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
GRADUATED
LINE
2.0
(.079)
REF.
13.5±0.5
(.531±.020)
4.8±0.2
(.189+.008)
12.5±0.3
(.492±.012)
4.7±0.3
(.185±.012)
R20
1510
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
GRADUATED
LINE
2.0
(.079)
REF.
14.2
(.559)
13.5±0.5
(.531±.020)
8.0
(.315)
5.0
(.197)
4.8±0.2
(.189+.008)
12.5±0.3
(.492±.012)
4.7±0.3
(.185±.012)
3R3
1510
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
GRADUATED
LINE
2.0
(.079)
REF.
13.5±0.5
(.531±.020)
4.8±0.2
(.189+.008)
12.5±0.3
(.492±.012)
4.7±0.3
(.185±.012)
R20
1510
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
GRADUATED
LINE
2.0
(.079)
REF.
DIMENSIONS:
MM
(INCHES)
14.2
(.559)
13.5±0.5
(.531±.020)
8.0
(.315)
5.0
(.197)
4.8±0.2
(.189+.008)
12.5±0.3
(.492±.012)
4.7±0.3
(.185±.012)
3R3
1510
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
GRADUATED
LINE
2.0
(.079)
REF.
13.5±0.5
(.531±.020)
4.8±0.2
(.189+.008)
12.5±0.3
(.492±.012)
4.7±0.3
(.185±.012)
R20
1510
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
GRADUATED
LINE
2.0
(.079)
REF.
How to Order
SRP1245A - 100M
Model
Value Code (see table)
Electrical Schematic
14.2
(.559)
13.5±0.5
(.531±.020)
8.0
(.315)
5.0
(.197)
4.8±0.2
(.189+.008)
12.5±0.3
(.492±.012)
4.7±0.3
(.185±.012)
3R3
1510
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
GRADUATED
LINE
2.0
(.079)
REF.
13.5±0.5
(.531±.020)
4.8±0.2
(.189+.008)
12.5±0.3
(.492±.012)
4.7±0.3
(.185±.012)
R20
1510
2.3±0.3
(.091±.012)
2.75±0.35
(.108±.014)
GRADUATED
LINE
2.0
(.079)
REF.


Similar Part No. - SRP1245A-R82M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1245C BOURNS-SRP1245C Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1245C-100M BOURNS-SRP1245C-100M Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1245C-150M BOURNS-SRP1245C-150M Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1245C-1R0M BOURNS-SRP1245C-1R0M Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1245C-1R5M BOURNS-SRP1245C-1R5M Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
More results

Similar Description - SRP1245A-R82M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com