Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3AC Datasheet(PDF) 2 Page - Jiangsu High diode Semiconductor Co., Ltd

Part # ES3AC
Description  SMC Plastic-Encapsulate Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
Direct Link  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

ES3AC Datasheet(HTML) 2 Page - Jiangsu High diode Semiconductor Co., Ltd

  ES3AC Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd ES3AC Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd ES3AC Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd ES3AC Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
FIG.1: FORWARD CURRENT DERATING CURVE
Resistive or Inductive Load
P.C.B. Mounted on 0.3"×0.3"
(8.0mm×8.0mm)Copper Pad Areas
TL(℃)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25
50
75
100
125
150
Number of Cycles
FIG.2: MAXIMUM NON-REPETITIVE FORWARD URGE CURRENT
TL=75℃
8.3ms Single Half Sine Wave
110
100
0
25
50
75
100
125
150
FIG.3: TYPICAL FORWARD CHARACTERISTICS
0.01
VF(V)
0.4
100
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.6
0.8
1.0
1.2
1.4
1.8
1.6
0.1
1.0
10
ES3A-D
ES3F-G
ES3H-J
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=150℃
0
20
40
60
80
100
0.1
1.0
10
100
1000
Tj=25℃
Tj=100℃
10000
Tj=125℃
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
Typical Characteristics
2
H
igh Diode Semiconductor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com