Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP432YA Datasheet(PDF) 2 Page - Anachip Corp

Part # AP432YA
Description  Adjustable Precision Shunt Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP432YA Datasheet(HTML) 2 Page - Anachip Corp

  AP432YA Datasheet HTML 1Page - Anachip Corp AP432YA Datasheet HTML 2Page - Anachip Corp AP432YA Datasheet HTML 3Page - Anachip Corp AP432YA Datasheet HTML 4Page - Anachip Corp AP432YA Datasheet HTML 5Page - Anachip Corp AP432YA Datasheet HTML 6Page - Anachip Corp AP432YA Datasheet HTML 7Page - Anachip Corp AP432YA Datasheet HTML 8Page - Anachip Corp AP432YA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Adjustable Precision Shunt Regulator
AP432/AP432A
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Sep.23, 2004
2/16
Block Diagram
REF (R)
VREF
+
-
Anode (A)
1.24V
Symbol
Cathode (C)
REF (R)
Anode (A)
Pin Configuration
Order Number
Pin Configuration (Top View)
AP432Y
AP432 AY
AP432IY
AP432IAY
(SOT89)
AP432V
AP432 AV
AP432IV
AP432IAV
(TO92)
Order Number
AP432R
AP432AR
AP432IR
AP432IAR
(SOT23)
AP432W
AP432AW
AP432IW
AP432IAW
(SOT23)
1 REF
2 Anode
3 Cathode
1 REF
2 Anode
3 Cathode
Anode 1
2 Cathode
3 REF
Anode 1
2 REF
3 Cathode
Cathode 1
Anode 2
Anode 3
NC 4
5 NC
6 Anode
7 Anode
8 REF
AP432
AP432A
AP432I
AP432IA
(SOP)
Pin Configuration (Top View)
AP432 Q
AP432 AQ
AP432IQ
AP432IAQ
(SOT25)
NC 1
4 REF
NC 2
Cathode 3
5 Anode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com