Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HHC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HHC
Description  Automotive in-line fuse holders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HHC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HHC Datasheet HTML 1Page - List of Unclassifed Manufacturers HHC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automotive in-line fuse holders for
ATC® blade fuses
Dimensions - in:
0.78"
0.91"
0.5"
0.38" 0.30"
4.0" + 0.25"
4.0" + 0.25"
1.125"
0.364"
0.25"
Catalog symbols:
•
HHC
•
HHD
•
HHF
•
HHG
Description:
In-line fuse holders for ATC blade fuses.
HHD
HHG
Specifications:
Ratings
•
Volts - 32 V maximum
•
Amps
•
HHC 3-20 A
•
HHD 3-30 A
•
HHF 3-20 A
•
HHG 3-30 A
Agency information
•
Wire meets UL® 3266
•
Meets SAE J2030 heavy duty electrical
connector performance standard
Features:
•
Insulation body: Santoprene TPV
•
Wire
•
HHC - 26 strand tin-plated
•
HHD - 65 strand copper, no plating
•
HHF - 26 strand tin-plated
•
HHG - 65 strand tin-plated
•
Contact material: Brass, tin-plated
Technical Data 2107
Effective June 2016
Supersedes January 2003
BUSSMANN
SERIES


Similar Part No. - HHC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HHC COOPER-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders for ATC짰 blade fuses
logo
Eaton All Rights Reserv...
HHC EATON-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders for ATC짰 blade fuses
logo
Harris Corporation
HHC-731 HARRIS-HHC-731 Datasheet
123Kb / 2P
HHC-731 Hand Held Controller
logo
Perancea Ltd
HHC002 PERANCEA-HHC002 Datasheet
112Kb / 1P
ABS Hand-Held Cases
HHC003 PERANCEA-HHC003 Datasheet
112Kb / 1P
ABS Hand-Held Cases
More results

Similar Description - HHC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LEB LITTELFUSE-LEB Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEC LITTELFUSE-LEC Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LET LITTELFUSE-LET Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEX LITTELFUSE-LEX Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
WPB1 LITTELFUSE-WPB1 Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
WPB3 LITTELFUSE-WPB3 Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
logo
List of Unclassifed Man...
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
logo
Cooper Bussmann, Inc.
HRK-R COOPER-HRK-R Datasheet
152Kb / 1P
Universal In-Line Fuse Holders
logo
List of Unclassifed Man...
HHL ETC1-HHL Datasheet
225Kb / 2P
Automotive in-line fuse holders
logo
Littelfuse
LEB LITTELFUSE-LEB_V01 Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com