Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HHT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HHT
Description  5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HHT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HHT Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Data 2138
Effective June 2017
Supersedes December 2011
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 2138
June 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used
in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
HHT
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
Product features
Accepts both 5 mm x 15mm or 5 mm x
20mm fuses.
Two piece screw together assembly.
An economical and versatile fuseholder
Ideal for normal environments.
Wire leads included.
Dimensions- mm [in]
Ordering
• Specify packaging code and part number (HHT or BK-
HHT)
Body Material:
Wire Leads:
Terminals:
Black thermoplastic
16 Awg; Nominal O.D. 0.14”; color: red
Brass
Electrical Ratings:
• 5 mm x 15mm fuses: 250 Vac/32 Vdc, 5 A
• 5 mm x 20mm fuses: 250 Vac/32 Vdc, 10 A
Overall Length:
Body Dimensions:
Product Weight:
14” ± .25”
1.87” Length, 0.42" Diameter
17.5 lbs. per 1000 pieces
Packaging Code- (specify when ordering)
Packaging Code Prex
Description
Blank
100 piece carton (standard packaging)
BK
1000 piece box (bulk packaging)
Environmental Data:
• Temperature Range: -40 °C to +80 °C
• Lead Pull Test: 10 lbs. pull force
Part number:
HHT


Similar Part No. - HHT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
HHT CDE-HHT Datasheet
286Kb / 5P
Type HHT 175 째C, Aluminum Electrolytic Capacitor
logo
Eaton All Rights Reserv...
HHT EATON-HHT Datasheet
473Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Cornell Dubilier Electr...
HHT152P030HE0 CDE-HHT152P030HE0 Datasheet
286Kb / 5P
Type HHT 175 째C, Aluminum Electrolytic Capacitor
HHT222P016HE0 CDE-HHT222P016HE0 Datasheet
286Kb / 5P
Type HHT 175 째C, Aluminum Electrolytic Capacitor
HHT222P030HJ0 CDE-HHT222P030HJ0 Datasheet
286Kb / 5P
Type HHT 175 째C, Aluminum Electrolytic Capacitor
More results

Similar Description - HHT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
5 x 20 mm Fast-Acting Fuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
5 x 20 mm Fast-Acting Fuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
5 x 20 mm Medium-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
5 x 20 mm Fast-Acting Fuse
logo
Eaton All Rights Reserv...
HBH EATON-HBH Datasheet
396Kb / 2P
5 mm x 20 mm fuse holders
H15 EATON-H15 Datasheet
305Kb / 2P
PCB fuse holders for 5 mm x 20 mm fuses
HHT EATON-HHT Datasheet
473Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com