Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS-RK-600 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LPS-RK-600
Description  dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LPS-RK-600 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LPS-RK-600 Datasheet HTML 1Page - List of Unclassifed Manufacturers LPS-RK-600 Datasheet HTML 2Page - List of Unclassifed Manufacturers LPS-RK-600 Datasheet HTML 3Page - List of Unclassifed Manufacturers LPS-RK-600 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1002
Effective March 2017
LPS-RK — 600 Vac/300 Vdc, 70-600 A, dual element, time-delay fuses
Eaton.com/bussmannseries
Recommended fuse blocks
A
mps
Catalog no.
1-Pole
2-Pole
3-Pole
100
RM60100-1CR
RM60100-2CR
RM60100-3CR
200
RM60200-1CR RM60200-2CR RM60200-3CR
400
RM60400-1CR RM60400-2CR RM60400-3CR
600
RM60600-1CR RM60600-2CR RM60100-3CR
For additional information on the RM600 600 volt fuse blocks, see
product brochure no. 3192.
Fuse reducers for Class R fuses
Equipment fuse clips
Desired fuse (case)
size
Catalog no. (pairs)
600V
200 A
100 A
NO.2621-R
400 A
100 A
NO.2641-R
200 A
NO.642-R
600 A
100 A
NO.2661-R
200 A
NO.2662-R
400 A
NO.2664-R†
† Single reducer only (pair not required).
For additional information on Class R fuse reducers, see data sheet
no. 1118.
Dimensions — in
Fuse amps
A
B
70-100
7.88
1.11
110-200
9.63
1.61
225-400
11.63
2.36
450-600
13.38
2.88
A
B
Current-limitation curves
B
A
600A
400A
200A
100A
400,000
100,000
1000
RMS SYMMETRICAL CURRENT IN AMPS
A-B = ASYMMETRICAL AVAILABLE PEAK (2.3 X SYM RMS AMPS)
10,000
Current-limiting effects
Prosp. S.C.C.
Let-through current (apparent RMS Sym. vs. fuse rating)
—
100A
200A
400A
600A
1000
1000
1000
1000
1000
2000
2000
2000
2000
2000
3000
2000
3000
3000
3000
5000
2000
3000
5000
5000
10,000
3000
4000
7000
10,000
15,000
3000
5000
8000
11,000
20,000
3000
5000
9000
12,000
25,000
4000
6000
9000
12,000
30,000
4000
6000
10,000
13,000
35,000
4000
6000
10,000
13,000
40,000
4000
6000
10,000
14,000
50,000
5000
7000
11,000
15,000
60,000
5000
7000
12,000
15,000
70,000
5000
8000
13,000
16,000
80,000
5000
8000
13,000
16,000
90,000
5000
8000
13,000
17,000
100,000
6000
9000
14,000
17,000
150,000
6000
10,000
15,000
19,000
200,000
7000
11,000
16,000
21,000
250,000
7000
12,000
17,000
22,000
300,000
7000
12,000
18,000
23,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com