Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3003A Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SW3003A
Description  Medium Capacity Rockers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SW3003A Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  SW3003A Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SW3003A Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SW3003A Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SW3003A Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series SW
High Capacity Rockers
B123
B
www.nkkswitches.com
Maximum Effective Panel Thickness .177” (4.5mm)
SW3822
Maximum Effective Panel Thickness .177” (4.5mm). Panel cutout shown below.
SW3821 & SW3821D do not have terminals 1 & 4.
SW3831 & SW3831D do not have terminals 1, 4 & 7.
(37.0)
1.457
(46.0)
1.811
(23.0)
.906
(3.5) Dia Typ
.138
(46.0)
1.811
M3 x 6
(22.0)
.866
(13.2)
.520
(44.5)
1.752
(6.7)
.264
26°
(31.0)
1.220
(36.0)
1.417
(1.0)
.039
M4.5x6
(12.0) Typ
.472
(56.0)
2.205
(12.0)
.472
(24.0)
.945
(42.0)
1.654
3
2
1
6
5
4
(46.0)
1.811
M3 x 6
(22.0)
.866
(13.2)
.520
(44.5)
1.752
(6.7)
.264
26°
(31.0)
1.220
(36.0)
1.417
(1.0)
.039
M4.5 x 6
(12.0) Typ
.472
(43.0)
1.693
(42.0)
1.654
3
2
1
9
8
7
6
5
4
(56.0)
2.205
(14.5) Typ
.571
Rocker Position/Connected Terminals
Electrical Capacity
Model
*Approvals
Pole
Down
Center
Up
Resistive
Inductive
AC
125V
AC
250V
DC
30V
DC
125V
AC 125V
PF 0.6
AC 250V
PF 0.6
SW3831
3PST
ON 2-3 5-6 8-9
NONE
OFF
—
30A
30A
30A
1A
30A
15A
SW3832
3PDT ON 2-3 5-6 8-9
NONE
ON 2-1 5-4 8-7
30A
30A
30A
1A
30A
15A
SW3833
3PDT ON 2-3 5-6 8-9
OFF
ON 2-1 5-4 8-7
30A
30A
30A
1A
30A
15A
SW3831D
3PST
ON 2-3 5-6 8-9
NONE
OFF
—
—
—
30A
15A
—
—
SW3832D
3PDT ON 2-3 5-6 8-9
NONE
ON 2-1 5-4 8-7
—
—
30A
15A
—
—
SW3833D
3PDT ON 2-3 5-6 8-9
OFF
ON 2-1 5-4 8-7
—
—
30A
15A
—
—
Throw &
Schematics:
Note: Terminal numbers are
actually on the switch.
THREE POLE WITH SCREW LUG
3PST
3PDT
25
(COM)
8
36
9
2
5
(COM)
8
31
64 97
R
CUS
R
Rocker Position/Connected Terminals
Electrical Capacity
Model
*Approvals
Pole
Down
Center
Up
Resistive
Inductive
AC
125V
AC
250V
DC
30V
DC
48V
DC
125V
DC
250V
DC
400V
AC
125V
PF 0.6
AC
250V
PF 0.6
SW3821
DPST ON 2-3 5-6 NONE
OFF
—
30A
30A 30A
—
1A
—
—
30A
15A
SW3822
DPDT ON 2-3 5-6 NONE
ON 2-1 5-4 30A
30A 30A
—
1A
—
—
30A
15A
SW3823
DPDT ON 2-3 5-6
OFF
ON 2-1 5-4 30A
30A 30A
—
1A
—
—
30A
15A
SW3821D
DPST ON 2-3 5-6 NONE
OFF
—
—
—
30A 30A 20A 15A 4A (10A)
—
—
SW3822D
DPDT ON 2-3 5-6 NONE
ON 2-1 5-4
—
—
30A 30A 20A 15A
4A
—
—
SW3823D
DPDT ON 2-3 5-6
OFF
ON 2-1 5-4
—
—
30A 30A 15A
—
—
—
—
Throw &
Schematics:
Note: Terminal numbers are
actually on the switch.
DPST
R
4
6
1
3
25
(COM)
DPDT
2
5
(COM)
36
CUS
R
DOUBLE POLE WITH SCREW LUG
* UL, cULus & CSA recognized only when ordered with marking on switch (see General Specs)
( ) capacity is due to series wiring, see General Specifications page.
* UL/CUL & CSA for the following ratings: UL/CUL: 30A @ 30V DC, 15A @ 125V DC; CSA: 30A @ 30V DC, 15A @ 125V DC
* UL, cULus & CSA recognized only when ordered with marking on switch (see General Specs)
* UL/CUL & CSA for the following ratings: UL/CUL: 30A @ 30V DC, 15A @ 125V DC; CSA: 30A @ 30V DC, 15A @ 125V DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com