Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH7659FS Datasheet(PDF) 5 Page - Rohm

Part # BH7659FS
Description  Input selector for high resolution displays
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7659FS Datasheet(HTML) 5 Page - Rohm

  BH7659FS Datasheet HTML 1Page - Rohm BH7659FS Datasheet HTML 2Page - Rohm BH7659FS Datasheet HTML 3Page - Rohm BH7659FS Datasheet HTML 4Page - Rohm BH7659FS Datasheet HTML 5Page - Rohm BH7659FS Datasheet HTML 6Page - Rohm BH7659FS Datasheet HTML 7Page - Rohm BH7659FS Datasheet HTML 8Page - Rohm BH7659FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BH7659S / BH7659FS
Multimedia ICs
Electrical characteristics (unless otherwise noted, VCC=5.0V, Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
—
—
—
Circuit current
Circuit current during power save
Voltage gain
Interchannel relative gain
Interblock relative gain
Output dynamic range
On-resistance
Interchannel on-resistance difference
Interchannel crosstalk
Transmission delay time
High level voltage
Low level voltage
ICC
IPSV
GV
VOM
RON
CT
tD
VH
VL
15
7
– 1.0
– 0.5
– 0.5
2.6
—
—
—
—
3.5
—
25
14
– 0.5
0
0
—
200
20
– 70
20
—
—
〈Overall device〉
〈R, G, and B video switches〉
〈CMOS analog switch〉
〈Control block〉
35
22
0
0.5
0.5
—
400
40
– 55
—
—
1.5
mA
mA
dB
dB
dB
VP-P
Ω
Ω
dB
ns
V
V
PS = “H”
f = 10MHz
f = 10MHz
f = 10MHz
f = 1kHz
VIN = 2.5V
VIN = 2.5V
f = 150kHz
RL = 10
Ω, CL = 50pF
∆GVC
∆GVB
∆RON
Guaranteed design parameters (unless otherwise noted, VCC=5.0V, Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Frequency characteristics 1
Frequency characteristics 2
Interchannel crosstalk 1
Interchannel crosstalk 2
Interblock crosstalk 1
Interblock crosstalk 2
Interchannel relative frequency
characteristics
Interblock relative frequency
characteristics
f1
f2
– 3.0
– 6.0
0
– 3
〈R, G, and B video switches〉
+ 1.0
– 1.0
dB
dB
f = 50MHz
f = 250MHz
CTC1
CTC2
CTB1
CTB2
—
—
—
—
– 50
– 30
– 50
– 30
– 35
– 15
– 35
– 15
dB
dB
dB
dB
f = 50MHz
f = 250MHz
f = 50MHz
f = 250MHz
∆fC
∆fB
– 0.5
– 0.5
0
0
0.5
0.5
dB
dB
f = 50MHz
f = 50MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com