Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3832D Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SW3832D
Description  Medium Capacity Rockers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SW3832D Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  SW3832D Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SW3832D Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SW3832D Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SW3832D Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series SW
High Capacity Rockers
B122
B
www.nkkswitches.com
Electrical Capacity (Resistive & Inductive Load)
Power Level:
Shown in the following tables
Note: See Supplement section for details of design for inductive DC loads.
Other Ratings
Contact Resistance:
10 milliohms maximum
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
2,000V AC minimum for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
25,000 operations minimum
Angle of Throw:
Shown on following drawings
Nominal Operating Force:
1,800 grams for SW3822
2,200 grams for SW3823 Off to On
800 grams for SW3823 On to Off
Materials & Finishes
Rocker:
Urea resin; all rockers are white.
Mounting Frame:
Steel with chromate plating over zinc plating
Case Cover/Insulator:
Phenolic resin
Case:
Melamine phenol
Movable Contacts:
Copper with silver plating
Stationary Contacts:
Silver alloy plus copper with silver plating
Terminals:
Brass (terminal screws of brass with nickel plating)
Environmental Data
Operating Temp Range:
–10°C through +70°C (+14°F through +158°F)
Standards & Certifications
UL:
File No. E44145 - Recognized only when ordered with marking on switch.
Add “/U” or “/CUL” to end of part number to order UL recognized switch.
UL or cULus recognition designated beside part numbers on following pages.
See Supplement section to find UL or cULus rating details.
CSA:
File No. 023535_0_000 - Certified only when ordered with marking on switch.
Add “/C” to end of part number to order CSA certified switch.
CSA certification designated beside part numbers on following pages.
See Supplement section to find CSA rating details.
GENERAL SPECIFICATIONS FOR SW3800s
Wiring for SW3821D with Electrical Capacity of DC400V 10A
Contact Connection Position
2
3
5
6
1
2
3
4
5
6
Minus Pole
Connection
Plus Pole
Connection
External
Connection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com