Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3833D Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SW3833D
Description  Medium Capacity Rockers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SW3833D Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  SW3833D Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SW3833D Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SW3833D Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SW3833D Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series SW
Medium Capacity Rockers
B121
B
www.nkkswitches.com
SW3001A
Maximum Effective Panel Thickness:
.197” (5.0mm) for SW3001A & SW3002A models; .177” (4.5mm) for SW3003A models
(14.5)
.571
(38.0)
1.496
(28.0)
1.102
(3.5) Dia Typ
.138
(38.0)
1.496
(13.5)
.531
M3 x 6
(9.7)
.382
(31.3)
1.232
(5.7)
.224
(27.0)
1.063
(21.4)
.843
(1.0)
.039
(5.7)
.224
(4.8) Typ
.189
(2.4) Dia Typ
.094
(0.8) Typ
.031
3
2
1
(30.0)
1.181
(45.0)
1.772
(18.0)
.709
SW3006A
Maximum Effective Panel Thickness:
.197” (5.0mm) for SW3006A & SW3008A models; .177” (4.5mm) for SW3007A models
(14.5)
.571
(38.0)
1.496
(28.0)
1.102
(3.5) Dia Typ
.138
(38.0)
1.496
(13.5)
.531
M3 x 6
(9.6)
.378
(33.3)
1.311
(5.9)
.232
(27.0)
1.063
(21.4)
.843
(1.0)
.039
(5.7)
.224
(4.8) Typ
.189
(2.4) Dia Typ
.094
(31.2)
1.228
6
3
2
1
4
5
(0.8) Typ
.031
(18.5)
.728
(45.0)
1.772
SW3001A does not have terminal 2.
SINGLE POLE WITH SOLDER LUG
* UL & CSA recognized only when
ordered with marking on switch
(see General Specs)
Rocker Position/Connected Terminals
Electrical Capacity
Model
*Approvals
Pole
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
SW3001A
SPST
ON
1-3
NONE
OFF
—
15A
6A
15A
10A
24°
SW3002A
SPDT
ON
2-3
NONE
ON
2-1
15A
6A
15A
10A
24°
SW3003A
SPDT
ON
2-3
OFF
ON
2-1
15A
6A
15A
10A
28°
Throw &
Schematics:
Note: Terminal numbers are
actually on the switch.
SPST
SPDT
R
3
1
INTERNAL
CONNECTION
2 (COM)
1
3
DOUBLE POLE WITH SOLDER LUG
* UL, cULus & CSA recognized
only when ordered with marking
on switch (see General Specs)
Rocker Position/Connected Terminals ( ) = Momentary
Electrical Capacity
Model
*Approvals
Pole
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
SW3006A
DPDT
ON
2-3 5-6
NONE
ON
2-1 5-4
20A
10A
20A
10A
24°
SW3007A
DPDT
ON
2-3 5-6
OFF
ON
2-1 5-4
15A
6A
15A
10A
28°
SW3008A
DPDT
(ON)
2-3 5-6
OFF
(ON)
2-1 5-4
15A
6A
15A
10A
24°
Throw &
Schematic:
Note: Terminal numbers are
actually on the switch.
DPDT
R
4
6
1
3
25
(COM)
––
––
––
–– ––
CUS
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com