Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6008LS2TP Datasheet(PDF) 3 Page - Littelfuse

Part # S6008LS2TP
Description  Excellent unidirectional switches for phase control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S6008LS2TP Datasheet(HTML) 3 Page - Littelfuse

  S6008LS2TP Datasheet HTML 1Page - Littelfuse S6008LS2TP Datasheet HTML 2Page - Littelfuse S6008LS2TP Datasheet HTML 3Page - Littelfuse S6008LS2TP Datasheet HTML 4Page - Littelfuse S6008LS2TP Datasheet HTML 5Page - Littelfuse S6008LS2TP Datasheet HTML 6Page - Littelfuse S6008LS2TP Datasheet HTML 7Page - Littelfuse S6008LS2TP Datasheet HTML 8Page - Littelfuse S6008LS2TP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/02/16
Teccor® brand Thyristors
8 Amp Sensitive & Standard SCRs
Electrical Characteristics (T
J = 25°C, unless otherwise specified) – Sensitive SCRs
Symbol
Test Conditions
Value
Unit
Sxx08xS2
Sxx08xS3
I
GT
V
D = 6V RL = 100 Ω
MAX.
200
500
μA
V
GT
V
D = 6V RL = 100 Ω
MAX.
0.8
V
dv/dt
V
D = VDRM; RGK = 1kΩ; TJ = 110°C
TYP.
8
V/μs
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 110°C
MIN.
0.2
V
V
GRM
I
GR = 10μA
MIN.
6
V
I
H
I
T = 20mA (initial)
MAX.
6
8
mA
t
q
I
T=2A; tp=50µs; dv/dt=5V/µs; di/dt=-30A/µs
MAX.
50
45
μs
t
gt
I
G = 2 x IGT PW = 15µs IT = 12A
TYP.
4
5
μs
Note: xx = voltage x = package
Electrical Characteristics (T
J = 25°C, unless otherwise specified) – Standard SCRs
Symbol
Test Conditions
Value
Unit
Sxx08x
I
GT
V
D = 12V RL = 60 Ω
MAX.
15
mA
V
GT
V
D = 12V RL = 60 Ω
MAX.
1.5
V
dv/dt
V
D = VDRM; gate open; TJ = 100°C
400V
MIN.
350
V/μs
600V
300
800V
250
1000V
100
V
D = VDRM; gate open; TJ = 125°C
400V
250
600V
225
800V
200
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 125°C
MIN.
0.2
V
I
H
I
T = 200mA (initial)
MAX.
30
mA
t
q
I
T=2A; tp=50µs; dv/dt=5V/µs; di/dt=-30A/µs
MAX.
35
μs
t
gt
I
G = 2 x IGT PW = 15µs IT = 16A
TYP.
2
μs
Note: xx = voltage x = package
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
T = 16A; tp = 380 µs
MAX.
1.6
V
I
DRM / IRRM
V
DRM = VRRM
Sxx08xyy
T
J = 25°C
400 - 600V
MAX.
5
μA
T
J = 110°C
400 - 600V
250
Sxx08x
T
J = 25°C
400 - 800V
10
1000V
20
T
J = 100°C
400 - 800V
200
1000V
3000
T
J = 125°C
400 - 800V
500
Note: xx = voltage, x = package, yy = sensitivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com