Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUY82 Datasheet(PDF) 2 Page - Seme LAB

Part # BUY82
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR IN HERMETICALLY SEALED METAL CASE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUY82 Datasheet(HTML) 2 Page - Seme LAB

  BUY82 Datasheet HTML 1Page - Seme LAB BUY82 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
h21E
VCE(SAT)
VBE(SAT)
ICBO
IEBO
ton
toff
C22b
C11b
fT
BUY82
Document Number 3298
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Static value of common-emitter
forward current transfer ratio *
Collector-Emitter Saturation Voltage*
Base - Emitter Saturation Voltage*
Collector - Base Cut-off Current
Emitter - Base Cut-off Current
Turn on time
Turn off time
Output capacitance
Input capacitance
Transition Frequency
—
V
µA
µs
pF
MHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
THERMAL CHARACTERISTICS
Rth j-case
Thermal resistance to case
Max
5.0°C/W
Rth j-amb
Thermal resistance juntion to ambient
Max
150°C/W
40
15
1.0
0.8
1.8
1.2
10
500
10
1
1.5
1
1
200
850
40
VCE = 5V
IC = 1.5A
VCE = 5v
IC = 10A
IC = 10A
IB = 5V
IC = 1.5A
IB = 150mA
IC = 10A
IB = 1.0A
IC = 1.5A
IB = 150mA
VCB = 100V IE = 0
TCase = 150°C
VEB = 5V
IC = 0
IC = 5A
IB1 = 0.5A
IC = 10A
IB1 = 1A
IC = 5A
IB1 = - IB2 =0.5A
IC = 10A
IB1 = - IB2 = 1A
VCB = 10V
IE = 0
f =1MHz
VEB = 0.5V
IC = 0
f =1MHz
VCE = 10V
IC = 100mA
f = 20MHz
* Measured under pulse conditions: Pulse length = 300 ms, duty cycle = 1.5%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com