Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

170H3003 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 170H3003
Description  Fuse Bases (Blocks)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170H3003 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  170H3003 Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Form No.
Page 1 of 1
BIF Doc #720036
Bussmann®
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann
Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with
design applications. Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change
or update, without notice, any technical information contained in this bulletin. Once a product has been
selected, it should be tested by the user in all possible applications.
Square Body – Accessories
Fuse Bases (Blocks)
DIN 43 653 Fuse Bases
For the Typower ZILOX fuses according to DIN 43 653, the
following fuse bases are available:
Part
Max.
Rated
Center
Number
Voltage
Current
Distance
170H3003
1000V
630A
80mm
170H3004
1000V
1250A
80mm
170H3005
1400V
630A
110mm
170H3006
1400V
1250A
110mm
The fuse bases rated 1250A can also be used for the fuses
with higher rated current if the maximum load current is
derated according to the table below:
Fuse Rating
Max. Load Current In Fuse Base
1400A
1325A
1500A
1400A
1600A
1500A
1800A
1650A
2000A
1800A
Fixed Center
Max. Fuse
Fuse
Base Style
Max. Voltage
Current Rating
Size
170H1007
1000V
400A
00, 000
170H1013
660V
200A
0000,000
U.L. Recognized to U.L. 512.
Universal Fuse Bases
For the Typower ZILOX fuses according to DIN 43 653,
French style and North American style, the following fuse
bases are available:
Modular
Max. Fuse
BIF
Base Style
Max. Voltage
Current Rating
Document
1BS101
600V
100A
1206
1BS102
600V
400A
1207
1BS103
600V
400A
1208
1BS104
600V
600A
1209
BH-0xxx
700V
100A
1200
BH-1xxx
2500V
400A
1201
BH-2xxx
5000V
400A
1202
BH-3xxx
1250V
700A
1203
Modular fuse bases are U.L. Recognized to U.L. 512 and
meet the spacing requirements of U.L. 347. Contact
Bussmann sales representative for more complete ordering
information.
DIN 43 620 Fuse Bases
For fuse bases used with Typower ZILOX fuses according to
DIN 43 620, please contact your local Bussmann sales
representative.
DIN 43 653
Universal
DIN 43 653
7-11-01
SB01191


Similar Part No. - 170H3003

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170H0069 COOPER-170H0069 Datasheet
41Kb / 1P
Square Body ??Accessories Indicator System
170H0069 COOPER-170H0069 Datasheet
47Kb / 1P
Square Body Accessories
170H0235 COOPER-170H0235 Datasheet
47Kb / 1P
Square Body Accessories
170H0236 COOPER-170H0236 Datasheet
47Kb / 1P
Square Body Accessories
170H0237 COOPER-170H0237 Datasheet
47Kb / 1P
Square Body Accessories
More results

Similar Description - 170H3003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1LS101 LITTELFUSE-1LS101 Datasheet
497Kb / 3P
Semiconductor Fuse Blocks
02980900Z LITTELFUSE-02980900Z Datasheet
57Kb / 1P
FUSE BLOCKS
03500418Z LITTELFUSE-03500418Z Datasheet
57Kb / 1P
FUSE BLOCKS
logo
Cooper Bussmann, Inc.
TI600 COOPER-TI600 Datasheet
50Kb / 1P
Indicator System and Fuse Bases (Blocks)
BG3011SQ COOPER-BG3011SQ Datasheet
258Kb / 3P
Open fuse blocks
SB1XL-S COOPER-SB1XL-S Datasheet
137Kb / 3P
XL Fuse bases for XL Style photovoltaic fuse links
2D16 COOPER-2D16_15 Datasheet
366Kb / 12P
D and DO fuse links and bases
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
Fuse Bases (Blocks)
logo
Eaton All Rights Reserv...
S-8000 EATON-S-8000 Datasheet
259Kb / 2P
Fuse blocks
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
Class J Fuse Blocks
2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com