Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMD-630-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # GMD-630-R
Description  5 x 20mm Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GMD-630-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  GMD-630-R Datasheet HTML 1Page - Cooper Bussmann, Inc. GMD-630-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Time-delay, low breaking capacity
• Optional axial leads available
• 5 x 20mm physical size
• Nickel-plated brass endcap construction
• Designed to UL/CSA 248-14
Agency Information
• UL Listed, Guide JDYX, File E19180
• UL Recognition Card (4A), Guide JDYX2, File E19180
• CSA Certified, Class 1422-01, File 53787
• PSE/JET, File 1641-31003-1001
Ordering
Specify product code
• Insert packaging code prefix before part number. E.g.
BK/GMD-250-R
Specify option code if desired
• For axial leads, insert “V” between catalog series and
amp rating. E.g. BK/GMD-V-250-R
• With TR2 packaging code, lead wire length is 19.05mm
(
5)
0
0.
5.2mm
(+0.1/-0.2)
(
±
38.10mm
(
±.38)
21.10mm
(
±.81)
0.65mm
(REF)
(
±.38)
5.54mm
(
±.20)
Dimensions - mm
Electrical Characteristics
Rated Current
% of Amp Rating
Opening Time
100%
None
100mA - 4A
135%
60 minutes maximum
5 seconds minimum
200%
2 minutes maximum
Specifications
Voltage Interrupting Rating (amps)
Typical DC
Typical
Typical
Agency Approvals
Part Number
Rating
at Rated Voltage (50Hz)
Cold Resistance
Melting I2t
Voltage
UL
PSE
CSA
Vac
(
Ω)**
(amps)†
Drop (mV)‡
JET
GMD-125-R
250
8.125
0.043
1600
X
X
GMD-150-R
250
6.065
0.046
1200
X
X
GMD-200-R
250
5.190
0.200
1100
X
X
GMD-250-R
250
3.455
0.4
950
X
X
GMD-300-R
250
3.215
0.650
800
X
X
GMD-315-R
250
2.400
0.890
750
X
X
GMD-375-R
250
1.625
0.890
650
X
X
GMD-400-R
250
1.505
1.2
600
X
X
GMD-500-R
250
1.0645
1.4
550
X
X
GMD-600-R
250
0.948
3.1
450
X
X
GMD-630-R
250
0.629
3.1
450
X
X
GMD-750-R
250
0.4425
4.7
410
X
X
GMD-800-R
250
0.4475
6.6
380
X
X
GMD-1-R
250
0.3065
12
310
X
X
X
GMD-1.2-R
250
0.299
16
280
X
X
X
GMD-1.25-R
250
0.1995
16
245
X
X
X
GMD-1.5-R
250
0.158
25
240
X
X
X
GMD-1.6-R
250
0.124
27
220
X
X
X
GMD-2-R
250
0.107
42
200
X
X
X
GMD-2.5-R
250
0.0905
94
195
X
X
X
GMD-3-R
250
0.0655
145
190
X
X
X
GMD-4-R
250
0.048
300
190
UR
X
* Interrupting ratings (Interrupting ratings for 125mA - 3A were measured at 70% - 80% power factor on AC. The interrupting ratings for 4A were measured at 100%
power factor on AC)
** Typical DC Cold Resistance (measured at <10% of rated current)
† Typical Melting I2t (I2t was measured at listed interrupting rating and rated voltage)
‡ Typical Voltage Drop (voltage drop was measured at 20°C ambient temperature at rated current)
250 Vac
125 Vac
35
10,000
35
10,000
35
10,000
35
10,000
35
10,000
35
10,000
35
10,000
35
10,000
35
10,000
35
10,000
35
10,000
35
10,000
35
10,000
35
10,000
100
10,000
100
10,000
100
10,000
100
10,000
100
10,000
100
10,000
100
10,000
200
10,000
5 x 20mm Fuses
GMD Series,Time-Delay, Glass Tube
0209
BU-SB08894
Page 1 of 2
Data Sheet 2019


Similar Part No. - GMD-630-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMD-630-R COOPER-GMD-630-R Datasheet
447Kb / 2P
5 x 20mm Fuses GMD Series,Time-Delay, Glass Tube
logo
Eaton All Rights Reserv...
GMD-630-R EATON-GMD-630-R Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
More results

Similar Description - GMD-630-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
345101 LITTELFUSE-345101 Datasheet
80Kb / 1P
FOR 3AG, 5 x 20mm, OR MIDGET FUSES
logo
List of Unclassifed Man...
S506-32MA ETC2-S506-32MA Datasheet
265Kb / 2P
5mm x 20mm Fuses
logo
Cooper Bussmann, Inc.
S500-32-R COOPER-S500-32-R Datasheet
267Kb / 2P
5 x 20mm Fuses
GMD-125MA COOPER-GMD-125MA Datasheet
82Kb / 2P
5mm x 20mm Fuses
S505-500-R COOPER-S505-500-R Datasheet
379Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses
S505-2-R COOPER-S505-2-R Datasheet
380Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
5 x 20mm, Fast-Acting, Ceramic Tube Fuses
GMA-1A COOPER-GMA-1A Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses
HTC-10M COOPER-HTC-10M Datasheet
68Kb / 1P
For 5 x 20mm Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com