Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLT2423-98AC Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # XLT2423-98AC
Description  Single-Stage Thermoelectric Cooler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

XLT2423-98AC Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  XLT2423-98AC Datasheet HTML 1Page - II-VI Marlow, Inc. XLT2423-98AC Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
DOC # 102-0319 REV K - PAGE 1 OF 2
XLT2423
Single-Stage Thermoelectric Cooler
RoHS EU Compliant
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
STRIP LENGTH: .40±.05 (CUSTOMER END)
LEAD WIRES: 18 AWG, 19/30 STRANDING,
TEFLON INSULATED
1.433±.005
[36.40±0.13]
COLD SIDE, Tc
HOT SIDE, Th
NEGATIVE LEAD (BLACK)
POSITIVE LEAD (WHITE)
.1200±.001 [3.048±0.025]
Dimensions shown in [ ] are in millimeters.
Ceramic Material: Alumina (AC)
1.411±.005
[35.84±0.13]
1.978±.005 [50.24±0.13]
2.142±.005 [54.41±0.13]
.0008 [0.020] A
.0008 [0.020]
.0008 [0.020]
.011 [0.28]
TYP
WIRE LENGTH: 1.7±.1
ORDERING OPTIONS
PRODUCT FEATURES
Rated operating temperature of 125°C.
Designed for temperature cycling applications.
Capable of rapid heating and cooling rates.
Porch configuration for high strength leadwire connection.
RTV sealing option available.
Lapped option available for multiple module applications.
Diced option for further mechanical stress relief.
Set of modules ACR matched available.
Hot Side Temperature (°C)
27°C
50°C
∆ Tmax (°C-dry N2):
58
66
Qmax (watts):
95
106
Imax (amps):
19.0
18.8
Vmax (vdc):
7.7
8.5
AC Resistance (ohms):
0.34
---
Model Number
Description
XLT2423-31AC
Undiced, one cooler
XLT2423-34AC
Undiced, ACR matched set, four
XLT2423-38AC
Undiced, ACR matched set, eight
XLT2423-41AC
Diced, one cooler
XLT2423-42AC
Diced, two cooler, ARC matched set
XLT2423-44AC
Diced, ACR matched set, four
XLT2423-48AC
Diced, ACR matched set, eight
XLT2423-51AC
Undiced, one cooler, 10 inches long
leadwires
XLT2423-61AC
Undiced, one cooler, plastic tray packaging
XLT2423-71AC
Undiced, One cooler, no leadwires
XLT2423-78AC
Undiced, ACR matched set, eight, no
leadwires
XLT2423-81AC
Diced, One cooler, no leadwires
XLT2423-88AC
Diced, ACR matched set, eight, no leadwires
XLT2423-98AC
Diced, ACR matched set, eight, 2.12 inches
long leadwires


Similar Part No. - XLT2423-98AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
XLT2423-98AC VIMARLOW-XLT2423-98AC Datasheet
513Kb / 2P
Single-Stage Thermoelectric Module
logo
Coherent Corp
XLT2423-98AC COHERENT-XLT2423-98AC Datasheet
784Kb / 3P
THERMOCYCLER XLT2423
More results

Similar Description - XLT2423-98AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
RC12-9 VIMARLOW-RC12-9 Datasheet
155Kb / 2P
Single-Stage Thermoelectric Cooler
TR060-6.5-40 VIMARLOW-TR060-6.5-40 Datasheet
285Kb / 3P
Single-Stage Thermoelectric Cooler
XLT3-4 VIMARLOW-XLT3-4 Datasheet
120Kb / 2P
Single-Stage Thermoelectric Cooler
XLT2393 VIMARLOW-XLT2393 Datasheet
153Kb / 2P
Single-Stage Thermoelectric Cooler
XLT2404 VIMARLOW-XLT2404 Datasheet
239Kb / 2P
Single-Stage Thermoelectric Cooler
XLT2416 VIMARLOW-XLT2416 Datasheet
179Kb / 2P
Single-Stage Thermoelectric Cooler
XLT2427 VIMARLOW-XLT2427 Datasheet
138Kb / 2P
Single-Stage Thermoelectric Cooler
NL1011T VIMARLOW-NL1011T Datasheet
136Kb / 2P
Single-Stage Thermoelectric Cooler
NL1020T VIMARLOW-NL1020T Datasheet
299Kb / 3P
Single-Stage Thermoelectric Cooler
CM29-1.9 VIMARLOW-CM29-1.9 Datasheet
237Kb / 3P
Single-Stage Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com