Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE8M00G52-R0 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CSTCE8M00G52-R0
Description  Ceramic Resonator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSTCE8M00G52-R0 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  CSTCE8M00G52-R0 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSTCE8M00G52-R0 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSTCE8M00G52-R0 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSTCE8M00G52-R0 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSTCE8M00G52-R0 Datasheet HTML 5Page - List of Unclassifed Manufacturers CSTCE8M00G52-R0 Datasheet HTML 6Page - List of Unclassifed Manufacturers CSTCE8M00G52-R0 Datasheet HTML 7Page - List of Unclassifed Manufacturers CSTCE8M00G52-R0 Datasheet HTML 8Page - List of Unclassifed Manufacturers CSTCE8M00G52-R0 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
5
Frequency Correlation Data
Sample
M34584MD-XXXFP
TC4069UBP
No.
Fosc [kHz]
Fosc [kHz]
Shift [%]
1
7997.270
8010.200
-0.1614
2
8015.427
8021.200
-0.0720
3
8007.155
8019.200
-0.1502
4
8007.990
8020.100
-0.1510
5
7996.787
8012.400
-0.1949
_
X
8004.926
8016.620
-0.1459
muRata Standard Circuit
Vdd = 5.0 [V]
CERALOCK
® : CSTCE8M00G52-R0
C1 = 10 [pF]
C2 = 10 [pF]
Rf = 1 [Mohm]
12
34
7
Rf
C2
C1
Fout
14
CERALOCK
5pF
1MΩ
R
R
R
R
Murata Manufacturing Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com