Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7571 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7571
Description  2.7 V TO 5.5V I2C INTERFACE, VOLTAGE OUTPUT, 12-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7571 Datasheet(HTML) 3 Page - Texas Instruments

  DAC7571 Datasheet HTML 1Page - Texas Instruments DAC7571 Datasheet HTML 2Page - Texas Instruments DAC7571 Datasheet HTML 3Page - Texas Instruments DAC7571 Datasheet HTML 4Page - Texas Instruments DAC7571 Datasheet HTML 5Page - Texas Instruments DAC7571 Datasheet HTML 6Page - Texas Instruments DAC7571 Datasheet HTML 7Page - Texas Instruments DAC7571 Datasheet HTML 8Page - Texas Instruments DAC7571 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
DAC7571
SLAS374A – FEBRUARY 2003 – REVISED JANUARY 2004
ELECTRICAL CHARACTERISTICS (continued)
V
DD = +2.7 V to +5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications -40°C to +105°C unless otherwise noted.
DAC7571
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
Full-scale error
All ones loaded to DAC register
-0.15
-1.25
% of FSR
Gain error
±1.25
% of FSR
Zero code error drift
±7
µV/
°C
Gain temperature coefficient
±3
ppm of FSR/
°C
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
VDD
V
Output voltage settling time
1/4 Scale to 3/4 scale change (400H to C00H)
8
10
µ s
Slew rate
1
V/µs
RL =∞
470
pF
Capacitive load stability
RL = 2kΩ
1000
pF
Code change glitch impulse
1 LSB Change around major carry
20
nV-s
Digital feedthrough
0.5
nV-s
DC output impedance
1
Ω
VDD = +5V
50
mA
Short-circuit current
VDD = +3V
20
mA
Coming out of power-down mode, VDD = +5V
2.5
µ s
Power-up time
Coming out of power-down mode, VDD = +3V
5
µ s
LOGIC INPUTS(3)
Input current
± 1
µ A
VINL, Input low voltage
VDD = +3V
0.3
×V
DD
V
VINH, Input high voltage
VDD = +5V
0.7
×V
DD
V
Pin capacitance
3
pF
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (normal operation)
DAC active and excluding load current
VDD = +3.6V to +5.5V
VIH = VDD and VIL = GND
135
200
µ A
VDD = +2.7V to +3.6V
VIH = VDD and VIL = GND
115
160
µ A
IDD (all power-down modes)
VDD = +3.6 V to +5.5
VIH = VDD and VIL = GND
0.2
1
µ A
V
VDD = +2.7V to +3.6V
VIH = VDD and VIL = GND
0.05
1
µ A
POWER EFFICIENCY
IOUT/IDD
ILOAD = 2mA, VDD = +5V
93
%
(2)
Specified by design and characterization, not production tested.
(3)
Specified by design and characterization, not production tested.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com