Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF82 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DF82
Description  DF82 is a static, master-slave D flip-flop with 2x drive strength
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DF82 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DF82 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DF82 is a static, master-slave D flip-flop with 2x drive strength.
Truth Table
D
C
Q
QN
Capacitance
DC
Q
QN
Ci (pF)
H
É
H
L
D
0.020
L
É
L
H
C
0.022
X
Ê no change
Area
Power
1.35 mils
2
5.19 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.2
L = 1.4
L = 2.0
L = 0.2
L = 1.4
L = 2.0
Delay C to Q
tpdcqr
1.77
3.13
3.78
1.98
3.31
3.98
tpdcqf
1.88
3.00
3.50
2.07
3.18
3.74
Delay C to QN
tpdcqnr
1.46
2.85
3.52
1.64
3.07
3.76
tpdcqnf
1.32
2.57
3.13
1.53
2.77
3.31
Output Slope C to Q
op_slcqr
0.92
4.93
7.07
0.91
4.95
6.98
op_slcqf
0.72
3.56
5.28
0.76
3.62
5.20
Output Slope C to QN
op_slcqnr
1.01
5.06
7.16
1.01
4.96
7.25
op_slcqnf
0.92
3.82
5.12
0.91
3.81
5.12
Characteristics
Symbol
[ns]
Characteristics
Symbol
[ns]
Min D Setup Time to C
High
tsudch
0.44
Min D Hold Time to C
High
thdch
0.00
Low
tsudcl
0.28
Low
thdcl
0.00
Min C Width
High
twch
1.05
Low
twcl
0.70
Sept. 1996
- 83 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
DF82
DF82


Similar Part No. - DF82

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF82 SCHNEIDER-DF82 Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm
Jul 12, 2021
DF82 SCHNEIDER-DF82 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
DF82V SCHNEIDER-DF82V Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
DF82V SCHNEIDER-DF82V Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
May 30, 2022
DF82V SCHNEIDER-DF82V_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
May 30, 2022
More results

Similar Description - DF82

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10176 ONSEMI-MC10176 Datasheet
106Kb / 5P
Hex D Master/Slave Flip-Flop
1996 REV 5
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
MC10H176 ONSEMI-MC10H176 Datasheet
97Kb / 4P
Hex D Master-Slave Flip-Flop
1996 REV 5
MC10H186 ONSEMI-MC10H186 Datasheet
100Kb / 4P
Hex D Master-Slave Flip-Flop with Reset
1996 REV 5
logo
National Semiconductor ...
11C70 NSC-11C70 Datasheet
149Kb / 6P
MASTER-SLAVE D-TYPE FLIP-FLOP
logo
ams AG
DFF2 AMSCO-DFF2 Datasheet
14Kb / 2P
DFF2 is a fast , static, master-slave D flip-flop with 2x drive strngth. SET and RESET are asynchronous and active low
logo
ON Semiconductor
MC10176 ONSEMI-MC10176_02 Datasheet
109Kb / 8P
Hex D Master/Slave Flip-Flop
January, 2002 ??Rev. 7
MC10186 ONSEMI-MC10186_02 Datasheet
110Kb / 8P
Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
logo
ams AG
DFD2 AMSCO-DFD2 Datasheet
17Kb / 2P
DFD2 is a fast, static, master-slave D flip-flop with 2x drive strength. SET is asynchronous and active low.
logo
Motorola, Inc
MC1670 MOTOROLA-MC1670 Datasheet
80Kb / 4P
Master-Slave Flip-Flop
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com