Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI-35 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DI-35
Description  16 W Audio Amplifier Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DI-35 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DI-35 Datasheet HTML 1Page - List of Unclassifed Manufacturers DI-35 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
3/04
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
DI-35
The PI logo, TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations. PI Expert and DPA-Switch
are trademarks of Power Integrations. Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit described
herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND SPECIFICALLY
DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE,
AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations.
A complete list of Power Integrations' patents may be found at www.powerint.com.
For the latest updates, visit www.powerint.com
Table 1. Transformer Construction Information.
Figure 2. 115 VAC V-I Curve.
Figure 3. Load Current for Thermal Test. (10 ms/div)
TRANSFORMER PARAMETERS
Nippon Ceramic EF-25-NC-2H
A
LG of 247 nH/T
2
Miles-Platts FE0100 with TBS-601
terminals
Primary: 65T, 2 layers, 28 AWG
Secondary: 9T, 2 x 26 AWG, Triple
Insulated
Bias: 8T, 2 x 28 AWG
Primary: 3-1, tape
Secondary: 9,10-6,7, tape,
Bias: 4-5, tape 3L
1059 µH ± 10%
0.75 MHz (Min)
28 µH (Max)
Core
Bobbin
Winding Details
Winding Order (pin numbers)
Primary Inductance
Primary Resonant Frequency
Leakage Inductance
THERMAL TEST RESULSTS
Test Case
T1 (Transformer)
U1 (TOP245P
D7 (Op Rectifier)
C8 (Op Capacitor)
T (°C) @
T (°C) @
85 VAC
265 VAC
57
59
64
51
58
59
41
40
Thermal test load current is 1 A for 30 ms, 2.2 A for 10 ms
Table 2. Thermal Test with Pulsed Load of Figure 3. 25
°C
Ambiant, Open Frame, 85 VAC and 265 VAC input.
01
1.5
0.5
2
2.5
IOUT (A)
15.5
15.6
15.1
15.2
15.3
15.4
15
15.9
16
15.7
15.8
16.1
0
50
100
1
4
3
5
2
Time (ms)
6
7
0
-1
2.2 A
1 A
• Keep power loop layouts (primary and secondary) tight to
minimize noise (EMI and output ripple) and power loss.
• At least 10 cm2 of PCB copper area should be used for
heatsinking.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com