Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR4103 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # DR4103
Description  303.825 MHz Transmitter Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DR4103 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  DR4103 Datasheet HTML 1Page - RF Monolithics, Inc DR4103 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Preliminary
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
DR4103-121001
Electrical Characteristics, 2.4 kbps On-Off Keyed
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
fO
303.625
304.025
MHz
Data Rate
OOK
19.2
kbps
ASK
115.2
Transmitter Performance (OOK @ 2.4 kbps)
Peak Input Current, 3 Vdc Supply
ITP
12
mA
Peak Output Power
PO
0.75
mW
Turn On/Turn Off Time
tON/tOFF
12/6
µs
Power Supply Voltage Range
VCC
2.7
3.5
Vdc
Operating Ambient Temperature
TA
-20
+65
°C
•
Designed for Short-Range Wireless Data Communications
•
Supports up to 115.2 kbps Encoded Data Transmissions
•
3 V, Low Current Operation plus Sleep Mode
•
Ready to Use OEM Module
The DR4103 transmitter module is ideal for short-range wireless data applications where robust operation,
small size and low power consumption are required. The DR4103 utilizes RFM’s TX5003 amplifier-
sequenced hybrid (ASH) architecture to achieve this unique blend of characteristics. The transmitter includes
provisions for on-off keyed (OOK) and ASK modulation. The transmitter employs SAW filtering to suppress
output harmonics, facilitating compliance with FCC 15.249 and similar regulations. The DR4103 includes the
TX5003 plus all configuration components in a ready-to-use PCB assembly, excellent for prototyping and
intermediate volume production runs.
Absolute Maximum Ratings
Rating
Value
Units
Power Supply and All Input/Output Pins
-0.3 to +4.0
V
Non-Operating Case Temperature
-50 to +100
°C
Soldering Temperature (10 seconds)
230
°C
303.825 MHz
Transmitter
Module
DR4103
DR4101 Pin Out
RF
GND
RFIO
CTR0
CTR1
GND
VCC
NC
VCC
NC
TX IN
NC
NC
1
2
3
4
5
8
9
10
11
12
13
14
6
7
GND
GND
DR4103 Pin Out
.80
.30
.20
.165
.70
.10
DR4103 Outline Drawing


Similar Part No. - DR4103

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR4103 MURATA-DR4103 Datasheet
309Kb / 2P
303.825 MHz Transmitter Module
More results

Similar Description - DR4103

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TX5003 RFM-TX5003 Datasheet
72Kb / 6P
303.825 MHz Hybrid Transmitter
DR3103 RFM-DR3103 Datasheet
206Kb / 5P
303.825 MHz Transceiver Module
DR5103 RFM-DR5103 Datasheet
146Kb / 4P
303.825 MHz Receiver Module
logo
Murata Manufacturing Co...
TR7003 MURATA-TR7003 Datasheet
367Kb / 15P
303.825 MHz Hybrid Transceiver
TR3003 MURATA-TR3003 Datasheet
415Kb / 12P
303.825 MHz Hybrid Transceiver
RF3210D MURATA-RF3210D Datasheet
574Kb / 2P
303.825 MHz SAW Filter
DR4103 MURATA-DR4103 Datasheet
309Kb / 2P
303.825 MHz Transmitter Module
DR5103 MURATA-DR5103 Datasheet
330Kb / 4P
303.825 MHz Receiver Module
DR7003 MURATA-DR7003 Datasheet
412Kb / 7P
303.825 MHz Transceiver Module
DR7003-EV MURATA-DR7003-EV Datasheet
205Kb / 8P
303.825 MHz Transceiver Evaluation Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com