Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1923 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS1923
Description  Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1923 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS1923 Datasheet HTML 17Page - Dallas Semiconductor DS1923 Datasheet HTML 18Page - Dallas Semiconductor DS1923 Datasheet HTML 19Page - Dallas Semiconductor DS1923 Datasheet HTML 20Page - Dallas Semiconductor DS1923 Datasheet HTML 21Page - Dallas Semiconductor DS1923 Datasheet HTML 22Page - Dallas Semiconductor DS1923 Datasheet HTML 23Page - Dallas Semiconductor DS1923 Datasheet HTML 24Page - Dallas Semiconductor DS1923 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
DS1923: Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
21 of 52
GENERAL STATUS
The information in the general status register tells the host computer whether a mission-related command was
executed successfully. Individual status bits indicate whether the DS1923 is performing a mission, waiting for a
temperature alarm to trigger the logging of data or whether the data from the latest mission has been cleared.
General Status Register Bitmap
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0215h
1
1
0
WFTA
MEMCLR
0
MIP
0
There is only read access to this register. Bits 0, 2, 5, 6, and 7 have no function.
Register Details
Bit Description
Bit(s)
Definition
MIP: Mission In Progress
b1
If this bit reads 1 the device has been set up for a mission and this
mission is still in progress. The MIP bit returns from logic 1 to logic 0
when a mission is ended. See function commands Start Mission and
Stop Mission.
MEMCLR: Memory
Cleared
b3
If this bit reads 1, the Mission Time Stamp, Mission Sample Counter, as
well as all the alarm flags of the Alarm Status Register have been
cleared in preparation of a new mission. Executing the Clear Memory
command clears these memory sections. The MEMCLR bit returns to 0
as soon as a new mission is started by using the Start Mission
command. The memory has to be cleared in order for a mission to start.
WFTA: Waiting for
Temperature Alarm
b4
If this bit reads 1, the Mission Start upon Temperature Alarm was
selected and the Start Mission command was successfully executed, but
the device has not yet experienced the temperature alarm. This bit is
cleared after a temperature alarm event, but is not affected by the Clear
Memory command. Once set, WFTA remains set if a mission is stopped
before a temperature alarm occurs. To clear WFTA manually before
starting a new mission, set the high temperature alarm (address 0209h)
to -40°C and perform a forced conversion.
MISSION START DELAY
The content of the Mission Start Delay Counter tells how many minutes have to expire from the time a mission was
started until the first measurement of the mission will take place (SUTA = 0) or until the device will start testing the
temperature for a temperature alarm (SUTA = 1). The Mission Start Delay is stored as an unsigned 24-bit integer
number. The maximum delay is 16777215 minutes, equivalent to 11650 days or roughly 31 years. If the start delay
is non-zero and the SUTA bit is set to 1, first the delay has to expire before the device starts testing for temperature
alarms to begin logging data.
Mission Start Delay Counter
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0216h
Delay Low Byte
0217h
Delay Center Byte
0218h
Delay High Byte
During a mission, there is only read access to these registers.
For a typical mission, the Mission Start Delay is 0. If a mission is too long for a single DS1923 to store all readings
at the selected sample rate, one can use several devices and set the Mission Start Delay for the second device to
start recording as soon as the memory of the first device is full, and so on. The RO bit in the Mission Control
Register (address 0213h) must be set to 0 to prevent overwriting of collected data once the data log memory is full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com