Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3893AV Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3893AV
Description  BTL TURBOTRANSCEIVER?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3893AV Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS3893AV Datasheet HTML 1Page - National Semiconductor (TI) DS3893AV Datasheet HTML 2Page - National Semiconductor (TI) DS3893AV Datasheet HTML 3Page - National Semiconductor (TI) DS3893AV Datasheet HTML 4Page - National Semiconductor (TI) DS3893AV Datasheet HTML 5Page - National Semiconductor (TI) DS3893AV Datasheet HTML 6Page - National Semiconductor (TI) DS3893AV Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Switching Characteristics
T
A = 0 to +70˚C, VCC =5V ±10%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER: (Figure 3 and Figure 6)
t
PHL
Driver Input to Output
V
T =2VRT =10
Ω,C
L = 30 pF, DE = 3V
1
3.5
7
ns
t
PLH
Driver Input to Output
V
T = 2V, RT =10
Ω,C
L = 30 pF, DE = 3V
1
3.5
7
ns
t
r
Output Rise time
V
T = 2V, RT =10
Ω,C
L =30pF, DE=3V
1
2
5
ns
t
f
Output Fall Time
V
T = 2V, RT =10
Ω,C
L =30pF, DE=3V
1
2
5
ns
t
skew
Skew Between Drivers
(Note 6)
1
ns
in Same Package
DRIVER ENABLE: (Figure 3 and Figure 6)
t
PHL
Enable Delay
V
T = 2V, RT =10
Ω,C
L = 30 pF, Dn = 3V
1
3.5
7
ns
t
PLH
Disable Delay
V
T = 2V, RT =10
Ω,C
L = 30 pF, Dn = 3V
1
3.5
7
ns
RECEIVER: (Figure 4 and Figure 7)
t
PHL
Receiver Input to Output
C
L = 50 pF, RE = DE = 0.3V, S3 Closed
258
ns
t
PLH
Receiver Input to Output
C
L = 50 pF, RE = DE = 0.3V, S3 Open
258
ns
t
skew
Skew Between Receivers
(Note 6)
1
ns
in Same Package
RECEIVER ENABLE: (Figure 5 and Figure 8)
t
ZL
Receiver Enable to
C
L = 50 pF, RL = 500, DE = 0.3V
2
6
12
ns
Output Low
S2 Open
Bn = 2V
t
ZH
Receiver Enable to
C
L = 50 pF, RL = 500, DE = 0.3V
2
5
12
ns
Output High
S1 OpenBn = 1V
t
LZ
Receiver Disable
C
L = 50 pF, RL = 500, DE = 0.3V
1
5
8
ns
From Output Low
S2 OpenBn = 2V
t
HZ
Receiver Disable
C
L = 50 pF, RL = 500, DE = 0.3V
1
4
8
ns
From Output High
S1 OpenBn = 1V
Note 6: tD and tR skew is an absolute value, defined as differences seen in propagation delays between each of the drivers or receivers in the same package of
the same delay, VCC, temperature and load conditions.
00869812
FIGURE 1. Equivalent Bus Output
00869802
Note: n=1,2,3,4
FIGURE 2. Driver Output Voltage
www.national.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com