Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS06A Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # PCS06A
Description  havok - Low Profile LTE/Cellular 4g SMD Dielectric Antenna
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCS06A Datasheet(HTML) 1 Page - Taoglas antenna solutions

  PCS06A Datasheet HTML 1Page - Taoglas antenna solutions PCS06A Datasheet HTML 2Page - Taoglas antenna solutions PCS06A Datasheet HTML 3Page - Taoglas antenna solutions PCS06A Datasheet HTML 4Page - Taoglas antenna solutions PCS06A Datasheet HTML 5Page - Taoglas antenna solutions PCS06A Datasheet HTML 6Page - Taoglas antenna solutions PCS06A Datasheet HTML 7Page - Taoglas antenna solutions PCS06A Datasheet HTML 8Page - Taoglas antenna solutions PCS06A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SPE-13-8-070/K/WY
Page 1 of 21
SPECIFICATION
Part No.
:
PCS.06.A Havok
Product Name :
Havok - Low Profile LTE/Cellular 4G/3G/2G SMD
Dielectric Antenna
Features
:
SMD Dielectric Antenna
GSM / CDMA / DCS / PCS / WCDMA /
UMTS /HSDPA / GPRS / EDGE
698~960MHz/1710~2690MHz High Efficiency Multi-Band
SMD antenna
Low profile 42*10*3mm
RoHs Compliant


Similar Part No. - PCS06A

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PCS06E10-6S OMEGA-PCS06E10-6S Datasheet
302Kb / 1P
CONNECTORS TWIST-LOCK TYPE
PCS06E10-6S OMEGA-PCS06E10-6S Datasheet
380Kb / 1P
CONNECTORS TWIST-LOCK TYPE
More results

Similar Description - PCS06A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCS07A ETC2-PCS07A Datasheet
1Mb / 13P
Low Profile Cellular SMD Dielectric Antenna
logo
Taoglas antenna solutio...
PCS07A1 TAOGLAS-PCS07A1 Datasheet
1Mb / 14P
Low Profile Cellular SMD Dielectric Antenna
logo
World Produts Inc.
WPANT10083 WPI-WPANT10083 Datasheet
99Kb / 2P
4G / LTE Cellular SMT Embedded Antenna
WPANT10084 WPI-WPANT10084 Datasheet
56Kb / 2P
4G / LTE Cellular SMT Embedded Antenna
WPANT30156 WPI-WPANT30156 Datasheet
91Kb / 2P
4G / LTE Cellular Blade Stubby Antenna
WPANT30201 WPI-WPANT30201 Datasheet
184Kb / 2P
Body-mount Antenna ??4G LTE Cellular
WPANT30202 WPI-WPANT30202 Datasheet
86Kb / 2P
Body-mount Antenna ??4G LTE Cellular
logo
Taoglas antenna solutio...
PCS.26.A TAOGLAS-PCS.26.A Datasheet
1Mb / 20P
Low Profile LTE/Cellular 2G/3G/4G SMD Dielectric Antenna
PCS.06.A TAOGLAS-PCS.06.A_17 Datasheet
2Mb / 22P
HAVOK-LOW PROFILE LTE
logo
Maxtena Inc.
MEA-2700-UWB-SM MAXTENA-MEA-2700-UWB-SM Datasheet
825Kb / 4P
4G/LTE/CELLULAR/CDMA ANTENNA
REV A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com