Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TG080113 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # TG080113
Description  Monopole Passive Antenna Broadband frequency range for cellular and GNSS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG080113 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  TG080113 Datasheet HTML 1Page - Taoglas antenna solutions TG080113 Datasheet HTML 2Page - Taoglas antenna solutions TG080113 Datasheet HTML 3Page - Taoglas antenna solutions TG080113 Datasheet HTML 4Page - Taoglas antenna solutions TG080113 Datasheet HTML 5Page - Taoglas antenna solutions TG080113 Datasheet HTML 6Page - Taoglas antenna solutions TG080113 Datasheet HTML 7Page - Taoglas antenna solutions TG080113 Datasheet HTML 8Page - Taoglas antenna solutions TG080113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SPE-14-8-116/D/EW
Page 2 of 26
1. Introduction
The compact TG.08 with hinged rotatable SMA connector, is an impressively
high efficiency monopole antenna, which provides wide coverage among
cellular and GNSS frequencies.
With its cellular and GNSS function, plus compact design, TG.08 can fit and
function perfectly with routers, vehicle tracking devices, telematics devices,
and remote monitoring systems. It is also ideal for use with cellular modules
with Assisted GPS functionality that can be implemented in various devices.
This 72mm long monopole antenna works efficiently from 700MHz to 2700MHz,
widely covering 4G/3G/2G bands, as well as GPS/GLONASS/Galileo /BeiDou. At
its maximum efficiency when connected to ground plane, it can achieve 73%
and 67% at GPS and LTE bands, respectively.
As all monopole antennas, TG.08 works best while connecting directly to the
ground-plane of the device main-board, or with the device's metal enclosure.
The robust brass hinge enables TG.08 to be oriented in all directions, providing
users to maximize performance with minimum effort.
TG.08, the small antenna with surprisingly large efficiency, is surely the best
candidate in the market for Cellular/GNSS combination terminal antennas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com